Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 49 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 45Page - Texas Instruments TAS2564 Datasheet HTML 46Page - Texas Instruments TAS2564 Datasheet HTML 47Page - Texas Instruments TAS2564 Datasheet HTML 48Page - Texas Instruments TAS2564 Datasheet HTML 49Page - Texas Instruments TAS2564 Datasheet HTML 50Page - Texas Instruments TAS2564 Datasheet HTML 51Page - Texas Instruments TAS2564 Datasheet HTML 52Page - Texas Instruments TAS2564 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
49
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 100. Load Diagnostic Clock Source
LDG_CLK
SETTING
0
External TDM
1
Internal Oscillator (default)
8.4.8 Clocks and PLL
In TMD/I2C Mode, the device operates from SBCLK. Table 101 and Table 102 below shows the valid SBCLK
frequencies for each sample rate and SBCLK to FSYNC ratio (for 44.1 kHz and 48 kHz family frequencies
respectively.
If the sample rate is properly configured via the SAMP_RATE[1:0] bits, no additional configuration is required as
long as the SBCLK to FSYNC ratio is valid. The device will detect improper SBCLK frequencies and SBCLK to
FSYNC ratios and volume ramp down the playback path to minimize audible artifacts. After the clock error is
detected the device will enter a low power halt mode after CLK_HALT_TIMER if CLK_HALT_EN is enabled.
Additionally the device can automatically power up and down on valid clock signals if CLK_ERR_PWR_EN is set.
The device sampling rate should not be changed while this feature is enabled. Additionally, the CLK_HALT_EN
should be set when CLK_ERR_PWR_EN is set for this feature to work properly.
Table 101. Supported SBCLK Frequencies (48 kHz based sample rates)
SAMPLE
RATE (kHz)
SBCLK TO FSYNC RATIO
64
96
128
192
256
384
512
16 kHz
1.024 MHz
1.536 MHz
2.048 MHz
3.072 MHz
4.096 MHz
6.144 MHz
8.192 MHz
32 kHz
2.048 MHz
3.072 MHz
4.0960 MHz
6.144 MHz
8.192 MHz
12.288 MHz
16.384 MHz
48 kHz
3.072 MHz
4.608 MHz
6.144 MHz
9.216 MHz
12.288 MHz
18.432 MHz
24.576 MHz
96 kHz
6.144 MHz
9.216 MHz
12.288 MHz
18.432 MHz
24.576 MHz
-
-
Table 102. Supported SBCLK Frequencies (44.1 kHz based sample rates)
SAMPLE
RATE (kHz)
SBCLK TO FSYNC RATIO
64
96
128
192
256
384
512
14.7 kHz
940.8 kHz
1.4112 MHz
1.8816 MHz
2.8224 MHz
3.7632 MHz
5.6448 MHz
7.5264 MHz
29.4 kHz
1.8816 MHz
2.8224 MHz
3.7632 MHz
5.6448 MHz
7.5264 MHz
11.2896 MHz
15.0528 MHz
44.1 kHz
2.8224 MHz
4.2336 MHz
5.6448 MHz
8.4672 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
88.2 kHz
5.6448 MHz
8.4672 MHz
11.2896 MHz
16.9344 MHz
22.5792 MHz
-
-
Table 103. Clock Power Up/Down on Valid ASI Clocks
CLK_ERR_PWR_EN
SETTING
0
Disabled (default)
1
Enabled
Table 104. Clock Halt(Sleep) After Errors Longer Than
Halt Timer
CLK_HALT_EN
SETTING
0
Enabled (default)
1
Disabled
Table 105. Clock Halt Timer
CLK_HALT_TIMER[2:0]
SETTING
000
1 ms
001
3.27 ms
010
26.21 ms
011
52.42 ms (default)
100
104.85 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com