Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 34 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 30Page - Texas Instruments TAS2564 Datasheet HTML 31Page - Texas Instruments TAS2564 Datasheet HTML 32Page - Texas Instruments TAS2564 Datasheet HTML 33Page - Texas Instruments TAS2564 Datasheet HTML 34Page - Texas Instruments TAS2564 Datasheet HTML 35Page - Texas Instruments TAS2564 Datasheet HTML 36Page - Texas Instruments TAS2564 Datasheet HTML 37Page - Texas Instruments TAS2564 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
ICLA
CALC
LIMITER
ATTACK/
RELEASE
ICLA_EN
LIMITER
ICLA_MODE
1
0
BOP ATTACK/
RELEASE
+
LIM_MAX_ATN
ATTNUATION
APPLIED
BOP
ATTN
LIMITER
ATTACK/
RELEASE
+
LIM_MAX_ATN
PUBLISHED ON
ICLA
BOP ACTIVE PHASE (BOP_*$,1 • 0dB)
PAUSE LIMITER UPDATES
VBATT<BOP_TH
ICLA
34
TAS2564
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Table 49. PCM Digital Volume Control
DVC_PCM[31:0]
VOLUME (dB)
0x0000 0D43 (MIN)
-110
...
...
0x4000 0000
0 (default)
...
...
0x5092 BEE4 (MAX)
2
Table 50. Digital Volume Ramp Rate
DVC_RAMP[31:0]
RAMP RATE @ 48kHz (s)
0x0000 0D43
0
...
0x7FFC 963B
1 s
8.4.2.3 Auto-Mute During Idle Channel Mode
Device will stop playing audio if the input audio level drops below the programmable threshold for a
programmable timer window. If this behavior is not preferred, threshold level can be kept at very low levels.
8.4.2.4 Auto-Start/Stop on Audio Clocks
The TAS2564 can enter low power software shutdown when the TDM clocks are stopped instead of going into
clock error. The device will resume operation when the clocks resume.
8.4.2.5 Supply Tracking Limiters with Brown Out Prevention
The TAS2564 monitors battery voltage (VBAT) and along with the audio signal to automatically decrease gain
when the audio signal peaks exceed a programmable threshold. This helps prevent clipping and extends
playback time through end of charge battery conditions. The limiters threshold can be configured to track the
monitored voltage below a programmable inflection point with a programmable slope. A minimum threshold sets
the limit of threshold reduction from the voltage tracking. Configurable attack rate, hold time and release rate are
provided to shape the dynamic response of each limiter. If the ICLA is enabled the actual attenuation is based on
the ICLA configuration using the calculated attenuation value of all devices on the selected ICLA bus.
Figure 37. Limiter and Brown Out Prevention Interaction Diagram
A Brown Out Prevention (BOP) feature provides a priority input to provide a fast response to transient dips in the
battery supply (VBAT) which at end of charge conditions that can cause system level brown out. When the
selected supply dips below the brown-out threshold the BOP will begin reducing gain at a configurable attack
rate. When the VBAT supply rises above the brownout threshold, the BOP will begin to release after the
programmed hold time. During a BOP event the limiter updates will be paused. This is to prevent a limiter from
releasing during a BOP event. The VBAT limiter is enabled by setting the LIMB_EN bit high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com