Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 3 Page - Texas Instruments

  TAS2564 Datasheet HTML 1Page - Texas Instruments TAS2564 Datasheet HTML 2Page - Texas Instruments TAS2564 Datasheet HTML 3Page - Texas Instruments TAS2564 Datasheet HTML 4Page - Texas Instruments TAS2564 Datasheet HTML 5Page - Texas Instruments TAS2564 Datasheet HTML 6Page - Texas Instruments TAS2564 Datasheet HTML 7Page - Texas Instruments TAS2564 Datasheet HTML 8Page - Texas Instruments TAS2564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 118 page
background image
A3
FSYNC
C2
VBAT
C3
VS1_N
D3
BGND
C4
GREG
D4
GND
F3
VBST
C5
VS1_P/
VS2_N
D5
PGND
E6
OUT_N
A6
DREG
C6
VS2_P
D6
PGND
B6
VDD
F5
PVDD
F6
PVDD
D2
BGND
B2
SDIN
E2
SW
F2
VBST
E4
GND
E5
OUT_P
E3
SW
A5
SDA
B3
AD1
F4
PVDD
B4
AD0
A4
SCL
B5
IRQZ
C1
VBAT
D1
BGND
E1
SW
A2
SBCLK
F1
VBST
B1
SDOUT
A1
SDZ
3
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
5 Pin Configuration and Functions
YFP Package
36-Pin DSBGA
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NUMBER
AD0
B4
I
I2C address pin LSB.
AD1
B3
I
I2C address pin LSB+1.
BGND
D1
P
Boost ground. Connect to PCB GND plane.
D2
D3
DREG
A6
P
Digital core voltage regulator output. Bypass to GND with a cap. Do not connect to external
load.
FSYNC
A3
IO
I2S word clock or TDM frame sync.
GREG
C4
P
High-side gate CP regulator output. Do not connect to external load.
GND
D4
P
Digital ground. Connect to PCB GDN plane.
E4
IRQZ
B5
O
Open drain, active low interrupt pin. Pull up to VDDD with resistor if optional internal pull up
is not used.
OUT_N
E6
O
Class-D negative output.
OUT_P
E5
O
Class-D positive output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com