Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 9Page - Texas Instruments TAS2564 Datasheet HTML 10Page - Texas Instruments TAS2564 Datasheet HTML 11Page - Texas Instruments TAS2564 Datasheet HTML 12Page - Texas Instruments TAS2564 Datasheet HTML 13Page - Texas Instruments TAS2564 Datasheet HTML 14Page - Texas Instruments TAS2564 Datasheet HTML 15Page - Texas Instruments TAS2564 Datasheet HTML 16Page - Texas Instruments TAS2564 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 118 page
background image
Frequency(Hz)
20 30 50 70100
200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D005
D005
VBAT=3.1V
VBAT=3.8V
VBAT=4.2V
VBAT=5.5V
VBAT Supply (V)
2.7
3
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
13
13.2
13.4
13.6
13.8
14
14.2
14.4
14.6
14.8
15
D006
D006
Frequency(Hz)
20 30 50 70100
200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D003
D003
VBAT=3.1V
VBAT=3.8V
VBAT=4.2V
VBAT=5.5V
Frequency(Hz)
20 30 50 70100
200
500 1000 2000
5000 1000020000
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D004
D004
VBAT=3.1V
VBAT=3.8V
VBAT=4.2V
VBAT=5.5V
Pout(W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5 7 10
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D001
D001
VBAT=3.1V
VBAT=3.8V
VBAT=4.2V
VBAT=5.5V
Pout(W)
0.001
0.01 0.02 0.05 0.1 0.2
0.5
1
2 3 4 5 7 10
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
D002
D002
VBAT=3.1V
VBAT=3.8V
VBAT=4.2V
VBAT=5.5V
13
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.8 Typical Characteristics
At TA = 25°C, fSPK_AMP = 384 kHz, input signal is 1 kHz Sine, unless otherwise noted. Filter used for Load Resistance is 30
µH, unless otherwise noted.
RL = 8 Ω
FIN = 1 kHz
Figure 3. THD+N vs Output Power
RL = 8 Ω
FIN = 6.667 kHz
Figure 4. THD+N vs Output Power
FIN = 20 Hz – 20 kHz
POUT = 0.1 W
RL = 8 Ω
Figure 5. THD+N vs Frequency
FIN = 20 Hz – 20 kHz
POUT = 1 W
RL = 8 Ω
Figure 6. THD+N vs Frequency
FIN = 20 Hz – 20 kHz
POUT = 5 W
RL = 8 Ω + 30 µH
Figure 7. THD+N vs Frequency
Figure 8. Idle Channel Noise (A-Weighted) vs VBAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com