Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 24Page - Texas Instruments TAS2564 Datasheet HTML 25Page - Texas Instruments TAS2564 Datasheet HTML 26Page - Texas Instruments TAS2564 Datasheet HTML 27Page - Texas Instruments TAS2564 Datasheet HTML 28Page - Texas Instruments TAS2564 Datasheet HTML 29Page - Texas Instruments TAS2564 Datasheet HTML 30Page - Texas Instruments TAS2564 Datasheet HTML 31Page - Texas Instruments TAS2564 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 118 page
background image
28
TAS2564
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The RX_SLEN[1:0] register bits set the length of the RX time slot. The length of the audio sample word within the
time slot is configured by the RX_WLEN[1:0] register bits. The RX port will left justify the audio sample within the
time slot by default, but this can be changed to right justification via the RX_JUSTIFY register bit. The TAS2564
supports mono and stereo down mix playback ([L+R]/2) via the left time slot, right time slot and time slot
configuration register bits (RX_SLOT_L[3:0], RX_SLOT_R[3:0] and RX_SCFG[1:0] respectively). By default the
device will playback mono from the time slot equal to the I2C base address offset for playback. The
RX_SCFG[1:0] register bits can be used to override the playback source to the left time slot, right time slot or
stereo down mix set by the RX_SLOT_L[3:0] and RX_SLOT_R[3:0] register bits.
If time slot selections places reception either partially or fully beyond the frame boundary, the receiver will return
a null sample equivalent to a digitally muted sample.
Table 21. TDM RX Time Slot Length
RX_SLEN[1:0]
TIME SLOT LENGTH
00
16-bits
01
24-bits
10
32-bits (default)
11
reserved
Table 22. TDM RX Sample Word Length
RX_WLEN[1:0]
LENGTH
00
16-bits
01
20-bits
10
24-bits (default)
11
32-bits
Table 23. TDM RX Sample Justification
RX_JUSTIFY
JUSTIFICATION
0
Left (default)
1
Right
Table 24. TDM RX Time Slot Select Configuration
RX_SCFG[1:0]
CONFIG ORIGIN
00
Mono with Time Slot equal to I2C
Address Offset (default)
01
Mono Left Channel
10
Mono Right Channel
10
Stereo Down Mix [L+R]/2
Table 25. TDM RX Left Channel Time Slot
RX_SLOT_L[3:0]
TIME SLOT
0x0
0 (default)
0x1
1
...
...
0xE
14
0xF
15
Table 26. TDM RX Right Channel Time Slot
RX_SLOT_R[3:0]
TIME SLOT
0x0
0
0x1
1 (default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com