Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 3Page - Texas Instruments TAS2564 Datasheet HTML 4Page - Texas Instruments TAS2564 Datasheet HTML 5Page - Texas Instruments TAS2564 Datasheet HTML 6Page - Texas Instruments TAS2564 Datasheet HTML 7Page - Texas Instruments TAS2564 Datasheet HTML 8Page - Texas Instruments TAS2564 Datasheet HTML 9Page - Texas Instruments TAS2564 Datasheet HTML 10Page - Texas Instruments TAS2564 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 118 page
background image
7
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.8 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain =
17.5 dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision
with a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
KCP
Click and pop performance
Into and out of Mute, Shutdown, Power
Up, Power Down and audio clocks
starting and stopping. Measured with APx
Plugin.
3.4
mV
Programmable digital gain range
0
23
dBV
Programmable digital gain step size
0.5
dB
AVERROR
Amplifier gain error
POUT = 1 W
±0.1
dB
Mute attenuation
Device in Shutdown or Muted in Normal
Operation
110
dB
VBAT power-supply rejection ratio
VBAT = 3.8 V + 200 mVpp, fripple = 217 Hz
108
dB
VBAT = 3.8 V + 200 mVpp, fripple = 20 kHz
90
dB
AVDD power-supply rejection ratio
VDD = 1.8 V + 200 mVpp, fripple = 217 Hz
98
dB
VDD = 1.8 V + 200 mVpp, fripple = 20 kHz
93
dB
Turn on time from release of SW
shutdown
No Volume Ramping
1.8
ms
Volume Ramping
4.5
ms
Turn off time from assertion of SW
shutdown to amp Hi-Z
No Volume Ramping
0.75
ms
Volume Ramping
12.5
ms
AMPLIFIER PERFORMANCE - Receiver Mode
Output Voltage for Full-scale digital Input
Measured at -6 dB FS input and scaled
by 6dB
2
Vrms
POUT
Maximum Continuous Output Power
RL = 32Ω + 33 µH, THD+N = 0.03 %, fin =
1 kHz
124.4
mW
RL = 8 Ω + 33 µH, THD+N = 0.03 %, fin =
1 kHz
0.45
W
System efficiency at POUT = 100 mW
RL = 8 Ω + 33 µH, fin = 1 kHz
63.5
%
RL = 8 Ω + 33 µH, fin = 1 kHz, VBAT = 4.2
V
65.5
%
System efficiency at POUT =0.45 W
RL = 8 Ω + 33 µH, fin = 1 kHz
84.5
%
RL = 8 Ω + 33 µH, fin = 1 kHz, VBAT = 4.2
V
85
%
THD+N
Total harmonic distortion + noise
POUT = 1 W, RL = 8 Ω + 33 µH, fin = 1 kHz
.01
%
VN
Idle channel noise
A-Weighted, 20 Hz - 20 kHz, DAC
Modulator Running
10
µV
FPWM
Class-D PWM switching frequency
Average frequency in Spread Spectrum
Mode, CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode,
CLASSD_SYNC=0
384
kHz
Fixed Frequency Mode,
CLASSD_SYNC=1, fs = 44.1, 88.2, 174.6
kHz
352.8
kHz
Fixed Frequency Mode,
CLASSD_SYNC=1, fs = 48, 96, 192 kHz
384
kHz
VOS
Output offset voltage
-1
1
mV
DNR
Dynamic range
A-Weighted, -60 dBFS Method
101.2
dB
SNR
Signal to noise ratio
A-Weighted, Referenced to 1 % THD+N
Output Level
105.73
dB
KCP
Click and pop performance
Into and out of Mute, Shutdown, Power
Up, Power Down and audio clocks
starting and stopping. Measured with APx
Plugin.
3.4
mV
Programmable digital gain range
0
23
dBV
Programmable digital gain step size
0.5
dB
AVERROR
Amplifier gain error
POUT = 1 W
±0.1
dB
Mute attenuation
Device in Shutdown or Muted in Normal
Operation
113
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com