Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 8Page - Texas Instruments TAS2564 Datasheet HTML 9Page - Texas Instruments TAS2564 Datasheet HTML 10Page - Texas Instruments TAS2564 Datasheet HTML 11Page - Texas Instruments TAS2564 Datasheet HTML 12Page - Texas Instruments TAS2564 Datasheet HTML 13Page - Texas Instruments TAS2564 Datasheet HTML 14Page - Texas Instruments TAS2564 Datasheet HTML 15Page - Texas Instruments TAS2564 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
FSYNC
SBCLK
tH(SBCLK)
tL(SBCLK)
tr(SBCLK)
tf(SBCLK)
tSU(FSYNC)
tHLD(FSYNC)
tSU(SDIN)
tHLD(SDIN)
td(DO-FSYNC)
td(DO-SBCLK)
SDIN
SDOUT
tBUF
STO
STA
th(STA)
tLOW
tr
th(DAT)
tf
tHIGH
tsu(DAT)
SDA
SCL
tsu(STA)
STA
th(STA)
STO
tsu(STO)
12
TAS2564
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
TDM Port Timing Requirements (continued)
TA = 25 °C, VDD = 1.8 V, 20 pF load on all outputs (unless otherwise noted)
MIN
NOM
MAX
UNIT
tHLD(FSYNC)
FSYNC hold time
8
ns
tSU(FSYNC)
SDIN setup time
8
ns
tHLD(SDIN)
SDIN hold time
8
ns
td(DO-SBCLK)
SBCLK to SDOUT delay
50% of FSYNC to 50% of SDOUT
21
ns
tr(SBCLK)
SBCLK rise time
10% - 90 % Rise Time
8
ns
tf(SBCLK)
SBCLK fall time
90% - 10 % Fall Time
8
ns
Figure 1. I2C Timing Diagram
Figure 2. TDM Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com