Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 35Page - Texas Instruments TAS2564 Datasheet HTML 36Page - Texas Instruments TAS2564 Datasheet HTML 37Page - Texas Instruments TAS2564 Datasheet HTML 38Page - Texas Instruments TAS2564 Datasheet HTML 39Page - Texas Instruments TAS2564 Datasheet HTML 40Page - Texas Instruments TAS2564 Datasheet HTML 41Page - Texas Instruments TAS2564 Datasheet HTML 42Page - Texas Instruments TAS2564 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
Temp
Sensor
SAR
ADC
VBAT
Limiter
&
Brown
Out
Prevention
AUDIO_IN
AUDIO_OUT
SETTINGS
39
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
The TAS2564 also employs a Brown Out Prevention (BOP) feature that serves as a low latency priority input to
the limiter engine that begins attacking the VBAT supply dipping below the programmed BOP threshold. This
feature can be enabled by setting the BOP_EN register bit high. It should be noted that the BOP feature is
independent of the limiter and will function if enabled, even if the limiter is disabled. The BOP threshold is
configured by setting the threshold with register bits BOP_TH.
Figure 41. Limiter Block Diagram
Table 62. Brown Out Prevention Enable
BOP_EN
VALUE
0
Disabled
1
Enabled (default)
The Brownout prevention threshold BOP_TH represent a threshold in a 4.X format. To calculate the value to
write to the 4 registers by apply the following formula to the desired brownout threshold using equation BOP_TH
= round(Volts*2^28).
Table 63. Brown Out Prevention Threshold
BOP_TH[31:0]
VBAT THRESHOLD (V)
0x0000 000 - 0x1FFF FFFF
Reserved
0x2000 0000
2.5
...
...
0x2E66 6666
2.9 (default)
...
...
0x2000 0000
4
0x2000 0001 -
0xFFFF FFFF
Reserved
The BOP feature has a separate attack rate BOP_ATK_RT, attack step size BOP_ATK_ST and hold time
BOP_HLD_TM from the battery tracking limiter. The BOP feature uses the LIMB_RLS_RT register setting to
release after a brown out event. The rates are based on the number of audio samples and actual time values
can be calculated by multiplying by 1/fs. For example the attack rate of 4 samples at 48 ksps would be
approximately 83 µs.
Table 64. Brown Out Prevention Attack Rate
BOP_ATK_RT[2:0]
ATTACK RATE
(samples/step)
ATTACK RATE @ 48
ksps (~µs)
0x0
1
20
0x1
2
42
0x2
4
83
0x3
8
167
0x4
16
333
0x5
32
666



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com