Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 4 Page - Texas Instruments

  TAS2564 Datasheet HTML 1Page - Texas Instruments TAS2564 Datasheet HTML 2Page - Texas Instruments TAS2564 Datasheet HTML 3Page - Texas Instruments TAS2564 Datasheet HTML 4Page - Texas Instruments TAS2564 Datasheet HTML 5Page - Texas Instruments TAS2564 Datasheet HTML 6Page - Texas Instruments TAS2564 Datasheet HTML 7Page - Texas Instruments TAS2564 Datasheet HTML 8Page - Texas Instruments TAS2564 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
4
TAS2564
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NUMBER
PGND
D5
P
Power stage ground. Connect to PCB GND plane.
D6
PVDD
F4
P
Power stage supply.
F5
F6
SBCLK
A2
IO
I2S/TDM serial bit clock.
SCL
A4
I
I2C Clock Pin. Pull up to VDD with a resistor.
SDA
A5
IO
I2C Data Pin. Pull up to VDD with a resistor.
SDIN
B2
I
I2S/TDM serial data input.
SDOUT
B1
IO
I2S/TDM serial data output.
SDZ
A1
I
Low = Hardware Shutdown. High= Device Enabled
SW
E1
P
Boost converter switch input.
E2
E3
VBAT
C1
P
Battery power supply input. Connect to 2.7 V to 5.5 V supply and decouple with a cap.
C2
VBST
F1
P
Boost converter output. Do not connect to external load.
F2
F3
VDD
B6
P
Analog, digital, and IO power supply. Connect to 1.8 V supply and decouple to GND with
cap.
VSNS1_N
C3
I
Voltage sense negative input. Connect to Class-D OUT_N output after Ferrite bead filter.
VSNS1_P/VS
NS2_N
C5
I
Voltage sense Center input. Connect to Speaker Center Tap.
VSNS2_P
C6
I
Voltage sense positive input. Connect to Class-D OUT_P output after Ferrite bead filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com