Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 7Page - Texas Instruments TAS2564 Datasheet HTML 8Page - Texas Instruments TAS2564 Datasheet HTML 9Page - Texas Instruments TAS2564 Datasheet HTML 10Page - Texas Instruments TAS2564 Datasheet HTML 11Page - Texas Instruments TAS2564 Datasheet HTML 12Page - Texas Instruments TAS2564 Datasheet HTML 13Page - Texas Instruments TAS2564 Datasheet HTML 14Page - Texas Instruments TAS2564 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 118 page
background image
11
TAS2564
www.ti.com
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
6.6 I
2C Timing Requirements
TA = 25 °C, VDD = 1.8 V (unless otherwise noted)
MIN
NOM
MAX
UNIT
Standard-Mode
fSCL
SCL clock frequency
0
100
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is
generated.
4
μs
tLOW
LOW period of the SCL clock
4.7
μs
tHIGH
HIGH period of the SCL clock
4
μs
tSU;STA
Setup time for a repeated START condition
4.7
μs
tHD;DAT
Data hold time: For I2C bus devices
0
3.45
μs
tSU;DAT
Data set-up time
250
ns
tr
SDA and SCL rise time
1000
ns
tf
SDA and SCL fall time
300
ns
tSU;STO
Set-up time for STOP condition
4
μs
tBUF
Bus free time between a STOP and START condition
4.7
μs
Cb
Capacitive load for each bus line
400
pF
Fast-Mode
fSCL
SCL clock frequency
0
400
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is
generated.
0.6
μs
tLOW
LOW period of the SCL clock
1.3
μs
tHIGH
HIGH period of the SCL clock
0.6
μs
tSU;STA
Setup time for a repeated START condition
40.6
μs
tHD;DAT
Data hold time: For I2C bus devices
0
0.9
μs
tSU;DAT
Data set-up time
100
ns
tr
SDA and SCL rise time
20 + 0.1 ×
Cb
300
ns
tf
SDA and SCL fall time
20 + 0.1 ×
Cb
300
ns
tSU;STO
Set-up time for STOP condition
0.6
μs
tBUF
Bus free time between a STOP and START condition
1.3
μs
Cb
Capacitive load for each bus line
400
pF
Fast-Mode
Plus
fSCL
SCL clock frequency
0
1000
kHz
tHD;STA
Hold time (repeated) START condition. After this period, the first clock pulse is
generated.
0.26
μs
tLOW
LOW period of the SCL clock
0.5
μs
tHIGH
HIGH period of the SCL clock
0.26
μs
tSU;STA
Setup time for a repeated START condition
0.26
μs
tHD;DAT
Data hold time: For I2C bus devices
0
μs
tSU;DAT
Data set-up time
50
ns
tr
SDA and SCL Rise Time
120
ns
tf
SDA and SCL Fall Time
120
ns
tSU;STO
Set-up time for STOP condition
μs
tBUF
Bus free time between a STOP and START condition
0.5
μs
Cb
Capacitive load for each bus line
400
pF
6.7 TDM Port Timing Requirements
TA = 25 °C, VDD = 1.8 V, 20 pF load on all outputs (unless otherwise noted)
MIN
NOM
MAX
UNIT
tH(SBCLK)
SBCLK high period
20
ns
tL(SBCLK)
SBCLK low period
20
ns
tSU(FSYNC)
FSYNC setup time
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com