Electronic Components Datasheet Search
  English  ▼

X  

TAS2564 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TAS2564
Description  TAS2564 7-W Class-D Smart Amp With Integrated 13-V Class-H boost &I/V Sense for Speaker Protection
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS2564 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS2564 Datasheet HTML 4Page - Texas Instruments TAS2564 Datasheet HTML 5Page - Texas Instruments TAS2564 Datasheet HTML 6Page - Texas Instruments TAS2564 Datasheet HTML 7Page - Texas Instruments TAS2564 Datasheet HTML 8Page - Texas Instruments TAS2564 Datasheet HTML 9Page - Texas Instruments TAS2564 Datasheet HTML 10Page - Texas Instruments TAS2564 Datasheet HTML 11Page - Texas Instruments TAS2564 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 118 page
background image
8
TAS2564
SLASEI6A – OCTOBER 2019 – REVISED DECEMBER 2019
www.ti.com
Product Folder Links: TAS2564
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
Electrical Characteristics (continued)
TA = 25 °C, VBAT = 3.8 V, (External PVDD = 12 V), VDD = 1.8 V, RL = 8Ω + 33 µH, fin = 1 kHz, SSM, fs = 48 kHz, Gain =
17.5 dBV (External PVDD Gain=18 dBV), SDZ = 1, Thermal Foldback Disabled, Measured filter free with an Audio Precision
with a 22 Hz to 20 kHz un-weighted bandwidth (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VBAT power-supply rejection ratio
VBAT = 3.8 V + 200 mVpp, fripple = 217 Hz
110
dB
VBAT = 3.8 V + 200 mVpp, fripple = 20 kHz
95
dB
AVDD power-supply rejection ratio
VDD = 1.8 V + 200 mVpp, fripple = 217 Hz
102
dB
VDD = 1.8 V + 200 mVpp, fripple = 20 kHz
102
dB
Turn on time from release of SW
shutdown
No Volume Ramping
1.8
ms
Volume Ramping
4.5
ms
Turn off time from assertion of SW
shutdown to amp Hi-Z
No Volume Ramping
0.75
ms
Volume Ramping
12.5
ms
BOOST
CONVERTER
Max Output Voltage
0.1A DC load, Average voltage (w/o
including ripple)
13
V
Startup inrush current limit
default setting
1.5
A
Startup inrush limit time
default setting
0.45
ms
Switching Frequency
PFM mode
50
kHz
Current Control Mode
4
MHz
Minimum Switching Frequency
Current Control Mode
400
KHz
Inductor Peak Current Limit
default setting
5
A
DIE TEMPERATURE
SENSOR
Resolution
8
bits
Die temperature measurement range
-40
150
°C
Die temperature resolution
0.75
°C
Die temperature accuracy
±5
°C
VOLTAGE
MONITOR
Resolution
10
bits
VBAT measurement range
2
6
V
VBAT resolution
6
mV
VBAT accuracy
±25
mV
TDM SERIAL AUDIO
PORT
PCM Sample Rates & FSYNC Input
Frequency
16
192
kHz
SBCLK Input Frequency
I2S/TDM Operation
0.512
24.57
MHz
SBCLK Maximum Input Jitter
RMS Jitter below 40 kHz that can be
tolerated without performance
degradation
1
ns
RMS Jitter above 40 kHz that can be
tolerated without performance
degradation
10
ns
SBCLK Cycles per FSYNC in I2S and
TDM Modes
Values: 64, 96, 128, 192, 256, 384 and
512
64
512
Cycles
PCM PLAYBACK
CHARACTERISTICS to fs
≤ 48 kHz
fs
Sample Rates
16
48
kHz
Passband LPF Corner
0.454
fs
Passband Ripple
20 Hz to LPF cutoff
-0.3
0.3
dB
Stop Band Attenuation
≥ 0.55 fs
60
dB
≥ 1 fs
65
dB
Group Delay
DC to 0.454 fs
8.6
1/fs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com