Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 5 Page - NXP Semiconductors

  SC16C752 Datasheet HTML 1Page - NXP Semiconductors SC16C752 Datasheet HTML 2Page - NXP Semiconductors SC16C752 Datasheet HTML 3Page - NXP Semiconductors SC16C752 Datasheet HTML 4Page - NXP Semiconductors SC16C752 Datasheet HTML 5Page - NXP Semiconductors SC16C752 Datasheet HTML 6Page - NXP Semiconductors SC16C752 Datasheet HTML 7Page - NXP Semiconductors SC16C752 Datasheet HTML 8Page - NXP Semiconductors SC16C752 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
5 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
CTSA, CTSB
38, 23
I
Clear to Send (Active-LOW). These inputs are associated with individual UART
channels A and B. A logic 0 (LOW) on the CTS pins indicates the modem or data set is
ready to accept transmit data from the SC16C752. Status can be tested by reading
MSR[4]. These pins only affect the transmit and receive operations when Auto-CTS
function is enabled via the Enhanced Feature Register EFR[7] for hardware flow
control operation.
D0-D4,
D5-D7
44-48,
1-3
I/O
Data bus (bi-directional). These pins are the 8-bit, 3-state data bus for transferring
information to or from the controlling CPU. D0 is the least significant bit and the first
data bit in a transmit or receive serial data stream.
DSRA, DSRB
39, 20
I
Data Set Ready (Active-LOW). These inputs are associated with individual UART
channels A and B. A logic 0 (LOW) on these pins indicates the modem or data set is
powered-on and is ready for data exchange with the UART. The state of these inputs is
reflected in the modem status register (MSR).
DTRA, DTRB
34, 35
O
Data Terminal Ready (Active-LOW). These outputs are associated with individual
UART channels A and B. A logic 0 (LOW) on these pins indicates that the SC16C752
is powered-on and ready. These pins can be controlled via the modem control register.
Writing a logic 1 to MCR[0] will set the DTR output to logic 0 (LOW), enabling the
modem. The output of these pins will be a logic 1 after writing a logic 0 to MCR[0], or
after a reset.
GND
17
I
Signal and power ground.
INTA, INTB
30, 29
O
Interrupt A and B (Active-HIGH). These pins provide individual channel interrupts
INTA and INTB. INTA and INTB are enabled when MCR[3] is set to a logic 1, interrupt
sources are enabled in the interrupt enable register (IER). Interrupt conditions include:
receiver errors, available receiver buffer data, available transmit buffer space, or when
a modem status flag is detected. INTA, INTB are in the high-impedance state after
reset.
IOR
19
I
Input/Output Read strobe (Active-LOW). A HIGH-to-LOW transition on IOR will load
the contents of an internal register defined by address bits A0-A2 onto the SC16C752
data bus (D0-D7) for access by external CPU.
IOW15
I
Input/Output Write strobe (Active-LOW). A LOW-to-HIGH transition on IOW will
transfer the contents of the data bus (D0-D7) from the external CPU to an internal
register that is defined by address bits A0-A2 and CSA and CSB.
NC
12, 24,
25, 37
-
Not connected.
OPA, OPB
32, 9
O
User defined outputs. This function is associated with individual channels A and B.
The state of these pins is defined by the user through the software settings of MCR[3].
INTA-INTB are set to active mode and OPA-OPB to a logic 0 when MCR[3] is set to a
logic 1. INTA-INTB are set to the 3-State mode and OPA-OPB to a logic 1 when
MCR[3] is set to a logic 0. The output of these two pins is HIGH after reset.
RESET
36
I
Reset. This pin will reset the internal registers and all the outputs. The UART
transmitter output and the receiver input will be disabled during reset time. RESET is
an active-HIGH input.
RIA, RIB
41, 21
I
Ring Indicator (Active-LOW). These inputs are associated with individual UART
channels, A and B. A logic 0 on these pins indicates the modem has received a ringing
signal from the telephone line. A LOW-to-HIGH transition on these input pins
generates a modem status interrupt, if enabled. The state of these inputs is reflected
in the modem status register (MSR).
Table 2:
Pin description…continued
Symbol
Pin
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com