Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 19Page - NXP Semiconductors SC16C752 Datasheet HTML 20Page - NXP Semiconductors SC16C752 Datasheet HTML 21Page - NXP Semiconductors SC16C752 Datasheet HTML 22Page - NXP Semiconductors SC16C752 Datasheet HTML 23Page - NXP Semiconductors SC16C752 Datasheet HTML 24Page - NXP Semiconductors SC16C752 Datasheet HTML 25Page - NXP Semiconductors SC16C752 Datasheet HTML 26Page - NXP Semiconductors SC16C752 Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
23 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.5 Line status register (LSR)
Table 13 shows the line status register bit settings.
When the LSR is read, LSR[4:2] reflect the error bits (BI, FE, PE) of the character at
the top of the RX FIFO (next character to be read). The LSR[4:2] registers do not
physically exist, as the data read from the RX FIFO is output directly onto the output
data bus, DI[4:2], when the LSR is read. Therefore, errors in a character are identified
by reading the LSR and then reading the RHR.
LSR[7] is set when there is an error anywhere in the RX FIFO, and is cleared only
when there are no more errors remaining in the FIFO.
Reading the LSR does not cause an increment of the RX FIFO read pointer. The
RX FIFO read pointer is incremented by reading the RHR.
Table 13:
Line Status Register bits description
Bit
Symbol
Description
7
LSR[7]
FIFO data error.
Logic 0 = No error (normal default condition).
Logic 1 = At least one parity error, framing error, or break indication is
in the receiver FIFO. This bit is cleared when no more errors are
present in the FIFO.
6
LSR[6]
THR and TSR empty. This bit is the Transmit Empty indicator.
Logic 0 = Transmitter hold and shift registers are not empty.
Logic 1 = Transmitter hold and shift registers are empty.
5
LSR[5]
THR empty. This bit is the Transmit Holding Register Empty indicator.
Logic 0 = Transmit hold register is not empty.
Logic 1 = Transmit hold register is empty. The processor can now load
up to 64 bytes of data into the THR if the TX FIFO is enabled.
4
LSR[4]
Break interrupt.
Logic 0 = No break condition (normal default condition).
Logic1=A break condition occurred and associated byte is 00, i.e.,
RX was LOW for one character time frame.
3
LSR[3]
Framing error.
Logic 0 = No framing error in data being read from RX FIFO (normal
default condition).
Logic1=Framing error occurred in data being read from RX FIFO, i.e.,
received data did not have a valid stop bit.
2
LSR[2]
Parity error.
Logic 0 = No parity error (normal default condition).
Logic 1 = Parity error in data being read from RX FIFO.
1
LSR[1]
Overrun error.
Logic 0 = No overrun error (normal default condition).
Logic 1 = Overrun error has occurred.
0
LSR[0]
Data in receiver.
Logic 0 = No data in receive FIFO (normal default condition).
Logic 1 = At least one character in the RX FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com