Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 12Page - NXP Semiconductors SC16C752 Datasheet HTML 13Page - NXP Semiconductors SC16C752 Datasheet HTML 14Page - NXP Semiconductors SC16C752 Datasheet HTML 15Page - NXP Semiconductors SC16C752 Datasheet HTML 16Page - NXP Semiconductors SC16C752 Datasheet HTML 17Page - NXP Semiconductors SC16C752 Datasheet HTML 18Page - NXP Semiconductors SC16C752 Datasheet HTML 19Page - NXP Semiconductors SC16C752 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
16 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.8 Break and time-out conditions
An RX idle condition is detected when the receiver line, RX, has been HIGH for
4 character time. The receiver line is sampled midway through each bit.
When a break condition occurs, the TX line is pulled LOW. A break condition is
activated by setting LCR[6].
6.9 Programmable baud rate generator
The SC16C752 UART contains a programmable baud generator that takes any clock
input and divides it by a divisor in the range between 1 and (216
− 1). An additional
divide-by-4 prescaler is also available and can be selected by MCR[7], as shown in
Figure 11. The output frequency of the baud rate generator is 16
× the baud rate. The
formula for the divisor is:
Where:
prescaler = 1, when MCR[7] is set to 0 after reset (divide-by-1 clock selected)
prescaler = 4, when MCR[7] is set to 1 after reset (divide-by-4 clock selected).
Remark: The default value of prescaler after reset is divide-by-1.
Figure 11 shows the internal prescaler and baud rate generator circuitry.
DLL and DLH must be written to in order to program the baud rate. DLL and DLH are
the least significant and most significant byte of the baud rate divisor. If DLL and DLH
are both zero, the UART is effectively disabled, as no baud clock will be generated.
Remark: The programmable baud rate generator is provided to select both the
transmit and receive clock rates.
Table 7 and Table 8 show the baud rate and divisor correlation for crystal with
frequency 1.8432 MHz and 3.072 MHz, respectively.
Figure 12 shows the crystal clock circuit reference.
Fig 11. Prescaler and baud rate generator block diagram.
divisor
XTAL1 crystal input frequency
prescaler
---------------------------------------------------------------------------


desired baud rate
16
×
()
---------------------------------------------------------------------------------
=
BAUD RATE
GENERATOR
LOGIC
MCR[7] = 1
MCR[7] = 0
PRESCALER
LOGIC
(DIVIDE-BY-1)
INTERNAL
OSCILLATOR
LOGIC
002aaa233
XTAL1
XTAL2
INPUT CLOCK
PRESCALER
LOGIC
(DIVIDE-BY-4)
REFERENCE
CLOCK
INTERNAL
BAUD RATE
CLOCK FOR
TRANSMITTER
AND
RECEIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com