Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 13Page - NXP Semiconductors SC16C752 Datasheet HTML 14Page - NXP Semiconductors SC16C752 Datasheet HTML 15Page - NXP Semiconductors SC16C752 Datasheet HTML 16Page - NXP Semiconductors SC16C752 Datasheet HTML 17Page - NXP Semiconductors SC16C752 Datasheet HTML 18Page - NXP Semiconductors SC16C752 Datasheet HTML 19Page - NXP Semiconductors SC16C752 Datasheet HTML 20Page - NXP Semiconductors SC16C752 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
17 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Table 7:
Baud rates using a 1.8432 MHz crystal
Desired baud rate
Divisor used to generate
16
× clock
Percent error difference
between desired and actual
50
2304
75
1536
110
1047
0.026
134.5
857
0.058
150
768
300
384
600
192
1200
96
1800
64
2000
58
0.69
2400
48
3600
32
4800
24
7200
16
9600
12
19200
6
38400
3
56000
2
2.86
Table 8:
Baud rates using a 3.072 MHz crystal
Desired baud rate
Divisor used to generate
16
× clock
Percent error difference
between desired and actual
50
2304
75
2560
110
1745
0.026
134.5
1428
0.034
150
1280
300
640
600
320
1200
160
1800
107
0.312
2000
96
2400
80
3600
53
0.628
4800
40
7200
27
1.23
9600
20
19200
10
38400
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com