Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 27 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 23Page - NXP Semiconductors SC16C752 Datasheet HTML 24Page - NXP Semiconductors SC16C752 Datasheet HTML 25Page - NXP Semiconductors SC16C752 Datasheet HTML 26Page - NXP Semiconductors SC16C752 Datasheet HTML 27Page - NXP Semiconductors SC16C752 Datasheet HTML 28Page - NXP Semiconductors SC16C752 Datasheet HTML 29Page - NXP Semiconductors SC16C752 Datasheet HTML 30Page - NXP Semiconductors SC16C752 Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
27 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.10 Enhanced feature register (EFR)
This 8-bit register enables or disables the enhanced features of the UART. Table 19
shows the enhanced feature register bit settings.
Table 18:
Interrupt priority list
Priority
level
IIR[5]
IIR[4]
IIR[3]
IIR[2]
IIR[1]
IIR[0]
Source of the interrupt
1
0
00110
Receiver Line Status error
2
0
01100
Receiver time-out interrupt
2
0
00100
RHR interrupt
3
0
00010
THR interrupt
4
0
00000
Modem interrupt
5
0
10000
Received Xoff signal/
special character
6
1
00000
CTS, RTS change of state
from active (LOW) to
inactive (HIGH)
Table 19:
Enhanced Feature Register bits description
Bit
Symbol
Description
7
EFR[7]
CTS flow control enable.
Logic 0 = CTS flow control is disabled (normal default condition).
Logic 1 = CTS flow control is enabled. Transmission will stop when a
HIGH signal is detected on the CTS pin.
6
EFR[6]
RTS flow control enable.
Logic 0 = RTS flow control is disabled (normal default condition).
Logic 1 = RTS flow control is enabled. The RTS pin goes HIGH when
the receiver FIFO HALT trigger level TCR[3:0] is reached, and goes
LOW when the receiver FIFO RESUME transmission trigger level
TCR[7:4] is reached.
5
EFR[5]
Special character detect.
Logic 0 = Special character detect disabled (normal default condition).
Logic 1 = Special character detect enabled. Received data is
compared with Xoff-2 data. If a match occurs, the received data is
transferred to FIFO and IIR[4] is set to a logical 1 to indicate a special
character has been detected.
4
EFR[4]
Enhanced functions enable bit.
Logic 0 = Disables enhanced functions and writing to IER[7:4],
FCR[5:4], MCR[7:5].
Logic 1 = Enables the enhanced function IER[7:4], FCR[5:4], and
MCR[7:5] can be modified, i.e., this bit is therefore a write enable.
3-0
EFR[3:0]
Combinations of software flow control can be selected by programming
these bits. See Table 3 “Software flow control options (EFR[0:3])” on
page 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com