Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 28 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 24Page - NXP Semiconductors SC16C752 Datasheet HTML 25Page - NXP Semiconductors SC16C752 Datasheet HTML 26Page - NXP Semiconductors SC16C752 Datasheet HTML 27Page - NXP Semiconductors SC16C752 Datasheet HTML 28Page - NXP Semiconductors SC16C752 Datasheet HTML 29Page - NXP Semiconductors SC16C752 Datasheet HTML 30Page - NXP Semiconductors SC16C752 Datasheet HTML 31Page - NXP Semiconductors SC16C752 Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
28 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.11 Divisor latches (DLL, DLH)
These are two 8-bit registers which store the 16-bit divisor for generation of the baud
clock in the baud rate generator. DLH stores the most significant part of the divisor.
DLL stores the least significant part of the divisor.
Note that DLL and DLH can only be written to before sleep mode is enabled, i.e.,
before IER[4] is set.
7.12 Transmission control register (TCR)
This 8-bit register is used to store the RX FIFO threshold levels to stop/start
transmission during hardware/software flow control. Table 20 shows transmission
control register bit settings.
TCR trigger levels are available from 0-60 bytes with a granularity of four.
Remark: TCR can only be written to when EFR[4] = 1 and MCR[6] = 1. The
programmer must program the TCR such that TCR[3:0] > TCR{7:4]. There is no
built-in hardware check to make sure this condition is met. Also, the TCR must be
programmed with this condition before Auto-RTS or software flow control is enabled
to avoid spurious operation of the device.
7.13 Trigger level register (TLR)
This 8-bit register is pulsed to store the transmit and received FIFO trigger levels
used for DMA and interrupt generation. Trigger levels from 4-60 can be programmed
with a granularity of 4. Table 21 shows trigger level register bit settings.
Remark: TLR can only be written to when EFR[4] = 1 and MCR[6] = 1. If TLR[3:0] or
TLR[7:4] are logical 0, the selectable trigger levels via the FIFO control register (FCR)
are used for the transmit and receive FIFO trigger levels. Trigger levels from 4-60
bytes are available with a granularity of four. The TLR should be programmed for N
⁄4,
where N is the desired trigger level.
When the trigger level setting in TLR is zero, the SC16C752 uses the trigger level
setting defined in FCR. If TLR has non-zero trigger level value, the trigger level
defined in FCR is discarded. This applies to both transmit FIFO and receive FIFO
trigger level setting.
When TLR is used for RX trigger level control, ICR[7:6] should be left at the default
state, i.e., ‘00’.
Table 20:
Transmission Control Register bits description
Bit
Symbol
Description
7-4
TCR[7:4]
RX FIFO trigger level to resume transmission (0-60).
3-0
TCR[3:0]
RX FIFO trigger level to halt transmission (0-60).
Table 21:
Trigger Level Register bits description
Bit
Symbol
Description
7-4
TLR[7:4]
RX FIFO trigger levels (4-60), number of characters available.
3-0
TLR[3:0]
TX FIFO trigger levels (4-60), number of spaces available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com