Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 24 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 24 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 20Page - NXP Semiconductors SC16C752 Datasheet HTML 21Page - NXP Semiconductors SC16C752 Datasheet HTML 22Page - NXP Semiconductors SC16C752 Datasheet HTML 23Page - NXP Semiconductors SC16C752 Datasheet HTML 24Page - NXP Semiconductors SC16C752 Datasheet HTML 25Page - NXP Semiconductors SC16C752 Datasheet HTML 26Page - NXP Semiconductors SC16C752 Datasheet HTML 27Page - NXP Semiconductors SC16C752 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
24 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
Remark: The three error bits (parity, framing, break) may not be updated correctly in
the first read of the LSR when the input clock (XTAL1) is running faster than 36 MHz.
However, the second read is always correct. It is strongly recommended that when
using this device with a clock faster than 36 MHz, that the LSR be read twice and only
the second read be used for decision making. All other bits in the LSR are correct on
all reads.
7.6 Modem control register (MCR)
The MCR controls the interface with the mode, data set, or peripheral device that is
emulating the modem. Table 14 shows modem control register bit settings.
[1]
MCR[7:5] can only be modified when EFR[4] is set, i.e., EFR[4] is a write enable.
Table 14:
Modem Control Register bits description
Bit
Symbol
Description
7
MCR[7] [1]
Clock select.
Logic 0 = Divide-by-1 clock input.
Logic 1 = Divide-by-4 clock input.
6
MCR[6] [1]
TCR and TLR enable.
Logic 0 = no action.
Logic 1 = Enable access to the TCR and TLR registers.
5
MCR[5] [1]
Xon Any.
Logic 0 = Disable Xon Any function.
Logic 1 = Enable Xon Any function.
4
MCR[4]
Enable loop-back.
Logic 0 = Normal operating mode.
Logic 1 = Enable local loop-back mode (internal). In this mode the
MCR[3:0] signals are looped back into MSR[7:4] and the TX output
is looped back to the RX input internally.
3
MCR[3]
IRQ enable OP.
Logic0=Forces INTA-INTB outputs to the 3-State mode and OP
output to HIGH state.
Logic1=Forces the INTA-INTB outputs to the active state and OP
output to LOW state. In loop-back mode, controls MSR[7].
2
MCR[2]
FIFO Ready enable.
Logic 0 = Disable the FIFO Rdy register.
Logic 1 = Enable the FIFO Rdy register.
In loop-back mode, controls MSR[6].
1
MCR[1]
RTS
Logic 0 = Force RTS output to inactive (HIGH).
Logic 1 = Force RTS output to active (LOW).
In loop-back mode, controls MSR[4]. If Auto-RTS is enabled, the
RTS output is controlled by hardware flow control.
0
MCR[0]
DTR
Logic 0 = Force DTR output to inactive (HIGH).
Logic 1 = Force DTR output to active (LOW).
In loop-back mode, controls MSR[5].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com