Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 21Page - NXP Semiconductors SC16C752 Datasheet HTML 22Page - NXP Semiconductors SC16C752 Datasheet HTML 23Page - NXP Semiconductors SC16C752 Datasheet HTML 24Page - NXP Semiconductors SC16C752 Datasheet HTML 25Page - NXP Semiconductors SC16C752 Datasheet HTML 26Page - NXP Semiconductors SC16C752 Datasheet HTML 27Page - NXP Semiconductors SC16C752 Datasheet HTML 28Page - NXP Semiconductors SC16C752 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
25 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.7 Modem status register (MSR)
This 8-bit register provides information about the current state of the control lines
from the mode, data set, or peripheral device to the processor. It also indicates when
a control input from the modem changes state. Table 15 shows modem status
register bit settings per channel.
[1]
The primary inputs RI, CD, CTS, DSR are all Active-LOW, but their registered equivalents in the MSR
and MCR (in loop-back) registers are Active-HIGH.
7.8 Interrupt enable register (IER)
The interrupt enable register (IER) enables each of the six types of interrupt, receiver
error, RHR interrupt, THR interrupt, Xoff received, or CTS/RTS change of state from
LOW to HIGH. The INT output signal is activated in response to interrupt generation.
Table 16 shows interrupt enable register bit settings.
Table 15:
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
CD (Active-HIGH, logical 1). This bit is the complement of the CD input
during normal mode. During internal loop-back mode, it is equivalent to
MCR[3].
6
MSR[6]
RI (Active-HIGH, logical 1). This bit is the complement of the RI input
during normal mode. During internal loop-back mode, it is equivalent to
MCR[2].
5
MSR[5]
DSR (Active-HIGH, logical 1). This bit is the complement of the DSR
input during normal mode. During internal loop-back mode, it is
equivalent MCR[0].
4
MSR[4]
CTS (Active-HIGH, logical 1). This bit is the complement of the CTS
input during normal mode. During internal loop-back mode, it is
equivalent to MCR[1].
3
MSR[3]
∆CD. Indicates that CD input (or MCR[3] in loop-back mode) has
changed state. Cleared on a read.
2
MSR[2]
∆RI. Indicates that RI input (or MCR[2] in loop-back mode) has changed
state from LOW to HIGH. Cleared on a read.
1
MSR[1]
∆DSR. Indicates that DSR input (or MCR[0] in loop-back mode) has
changed state. Cleared on a read.
0
MSR[0]
∆CTS. Indicates that CTS input (or MCR[1] in loop-back mode) has
changed state. Cleared on a read.
Table 16:
Interrupt Enable Register bits description
Bit
Symbol
Description
7
IER[7] [1]
CTS interrupt enable.
Logic 0 = Disable the CTS interrupt (normal default condition).
Logic 1 = Enable the CTS interrupt.
6
IER[6] [1]
RTS interrupt enable.
Logic 0 = Disable the RTS interrupt (normal default condition).
Logic 1 = Enable the RTS interrupt.
5
IER[5] [1]
Xoff interrupt.
Logic 0 = Disable the Xoff interrupt (normal default condition).
Logic 1 = Enable the Xoff interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com