Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 5Page - NXP Semiconductors SC16C752 Datasheet HTML 6Page - NXP Semiconductors SC16C752 Datasheet HTML 7Page - NXP Semiconductors SC16C752 Datasheet HTML 8Page - NXP Semiconductors SC16C752 Datasheet HTML 9Page - NXP Semiconductors SC16C752 Datasheet HTML 10Page - NXP Semiconductors SC16C752 Datasheet HTML 11Page - NXP Semiconductors SC16C752 Datasheet HTML 12Page - NXP Semiconductors SC16C752 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
9 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.3 Software flow control
Software flow control is enabled through the enhanced feature register and the
modem control register. Different combinations of software flow control can be
enabled by setting different combinations of EFR[3:0]. Table 3 shows software flow
control options.
Remark: When using software flow control, the Xon/Xoff characters cannot be used
for data characters.
There are two other enhanced features relating to software flow control:
• Xon Any function (MCR[5]): Operation will resume after receiving any character
after recognizing the Xoff character. It is possible that an Xon1 character is
recognized as an Xon Any character, which could cause an Xon2 character to be
written to the RX FIFO.
• Special character (EFR[5]): Incoming data is compared to Xoff2. Detection of the
special character sets the Xoff interrupt (IIR[4]) but does not halt transmission. The
Xoff interrupt is cleared by a read of the IIR. The special character is transferred to
the RX FIFO.
6.3.1
RX
When software flow control operation is enabled, the SC16C752 will compare
incoming data with Xoff1,2 programmed characters (in certain cases, Xoff1 and Xoff2
must be received sequentially). When the correct Xoff character are received,
transmission is halted after completing transmission of the current character. Xoff
detection also sets IIR[4] (if enabled via IER[5]) and causes INT to go HIGH.
To resume transmission, an Xon1,2 character must be received (in certain cases
Xon1 and Xon2 must be received sequentially). When the correct Xon characters are
received, IIR[4] is cleared, and the Xoff interrupt disappears.
Table 3:
Software flow control options (EFR[0:3])
EFR[3]
EFR[2]
EFR[1]
EFR[0]
TX, RX software flow controls
0
0
X
X
no transmit flow control
1
0
X
X
transmit Xon1, Xoff1
0
1
X
X
transmit Xon2, Xoff2
1
1
X
X
transmit Xon1, Xon2, Xoff1, Xoff2
X
X
0
0
no receive flow control
X
X
1
0
receiver compared Xon1, Xoff1
X
X
0
1
receiver compares Xon2, Xoff2
1011transmit Xon1, Xoff1
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
0111transmit Xon2, Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2
1111transmit Xon1, Xon2, Xoff1, Xoff2
receiver compares Xon1 and Xon2, Xoff1 and Xoff2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com