Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 20 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 16Page - NXP Semiconductors SC16C752 Datasheet HTML 17Page - NXP Semiconductors SC16C752 Datasheet HTML 18Page - NXP Semiconductors SC16C752 Datasheet HTML 19Page - NXP Semiconductors SC16C752 Datasheet HTML 20Page - NXP Semiconductors SC16C752 Datasheet HTML 21Page - NXP Semiconductors SC16C752 Datasheet HTML 22Page - NXP Semiconductors SC16C752 Datasheet HTML 23Page - NXP Semiconductors SC16C752 Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
20 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[3]
The Special Register set is accessible only when LCR[7] is set to a logic 1.
[4]
Enhanced Feature Register; Xon-1,2 and Xoff-1,2 are accessible only when LCR is set to ‘BFHex’.
Remark: Refer to the notes under Table 9 for more register access information.
7.1 Receiver holding register (RHR)
The receiver section consists of the receiver holding register (RHR) and the receiver
shift register (RSR). The RHR is actually a 64-byte FIFO. The RSR receives serial
data from the RX terminal. The data is converted to parallel data and moved to the
RHR. The receiver section is controlled by the line control register. If the FIFO is
disabled, location zero of the FIFO is used to store the characters.
Remark: In this case, characters are overwritten if overflow occurs.
If overflow occurs, characters are lost. The RHR also stores the error status bits
associated with each character.
7.2 Transmit holding register (THR)
The transmitter section consists of the transmit holding register (THR) and the
transmit shift register (TSR). The THR is actually a 64-byte FIFO. The THR receives
data and shifts it into the TSR, where it is converted to serial data and moved out on
the TX terminal. If the FIFO is disabled, the FIFO is still used to store the byte.
Characters are lost if overflow occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com