Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 33 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 29Page - NXP Semiconductors SC16C752 Datasheet HTML 30Page - NXP Semiconductors SC16C752 Datasheet HTML 31Page - NXP Semiconductors SC16C752 Datasheet HTML 32Page - NXP Semiconductors SC16C752 Datasheet HTML 33Page - NXP Semiconductors SC16C752 Datasheet HTML 34Page - NXP Semiconductors SC16C752 Datasheet HTML 35Page - NXP Semiconductors SC16C752 Datasheet HTML 36Page - NXP Semiconductors SC16C752 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
33 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
[3]
These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150
°C. The customer is
responsible for verifying junction temperature.
[4]
These parameters apply for D7-D0.
[5]
These parameters apply for DTRA, DTRB, INIA, INTB, RTSA, RTSB, RXRDYA, RXRDYB, TXRDYA, TXRDYB, TXA, TXB.
[6]
Measurement condition, normal operation other than sleep mode:
VCC = 3.3 V; Tamb =25 °C. Full duplex serial activity on all two serial (UART) channels at the clock frequency specified in the
recommended operating conditions with divisor of 1.
[7]
Except x2, VOL = 1 V typical.
[8]
Applies to external clock; crystal oscillator max. 24 MHz.
11. Dynamic characteristics
Table 26:
AC electrical characteristics
Tamb = −40 °C to +85 °C; VCC = 2.5 V, 3.3 V ± 10% or 5 V ± 10%, unless specified otherwise.
Symbol
Parameter
Conditions
2.5 V
3.3 V and 5 V
Unit
Min
Max
Min
Max
td1
IOR delay from chip select
10
-
0
-
ns
td2
read cycle delay
25 pF load
20
-
20
-
ns
td3
delay from IOR to data
25 pF load
-
77
-
26
ns
td4
data disable time
25 pF load
-
15
-
15
ns
td5
IOW delay from chip select
10
-
10
-
ns
td6
write cycle delay
[1]
25
-
25
-
ns
td7
delay from IOW to output
25 pF load
-
100
-
33
ns
td8
delay to set interrupt from modem input
25 pF load
-
100
-
24
ns
td9
delay to reset interrupt from IOR
25 pF load
-
100
-
24
ns
td10
delay from stop to set interrupt
-
1
-
1
Rclk baud
rate
td11
delay from IOR to reset interrupt
25 pF load
-
100
-
29
ns
td12
delay from start to set interrupt
-
100
-
100
ns
td13
delay from IOW to transmit start
8
24
8
24
Rclk baud
rate
td14
delay from IOW to reset interrupt
-
100
-
70
ns
td15
delay from stop to set RXRDY
-
1-
1Rclk baud
rate
td16
delay from IOR to reset RXRDY
-
100
-
75
ns
td17
delay from IOW to set TXRDY
-
100
-
70
ns
td18
delay from start to reset TXRDY-
16
-
16
Rclk baud
rate
td19
delay between successive assertion of
IOW and IOR
-
20
-
20
ns
th1
chip select hold time from IOR
0
-
0
-
ns
th2
chip select hold time from IOW
0
-0
-ns
th3
data hold time
15
-
15
-
ns
th4
address hold time
0
-
0
-
ns
th5
hold time from XTAL1 clock
HIGH-to-LOW transition to IOW or IOR
release
20
-
20
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com