Electronic Components Datasheet Search
  English  ▼

X  

SC16C752 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC16C752
Description  Dual UART with 64-byte FIFO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C752 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC16C752 Datasheet HTML 6Page - NXP Semiconductors SC16C752 Datasheet HTML 7Page - NXP Semiconductors SC16C752 Datasheet HTML 8Page - NXP Semiconductors SC16C752 Datasheet HTML 9Page - NXP Semiconductors SC16C752 Datasheet HTML 10Page - NXP Semiconductors SC16C752 Datasheet HTML 11Page - NXP Semiconductors SC16C752 Datasheet HTML 12Page - NXP Semiconductors SC16C752 Datasheet HTML 13Page - NXP Semiconductors SC16C752 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
Philips Semiconductors
SC16C752
Dual UART with 64-byte FIFO
Product data
Rev. 04 — 20 June 2003
10 of 47
9397 750 11635
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
6.3.2
TX
Xoff1/2 character is transmitted when the RX FIFO has passed the HALT trigger level
programmed in TCR[3:0].
Xon1/2 character is transmitted when the RX FIFO reaches the RESUME trigger
level programmed in TCR[7:4].
The transmission of Xoff/Xon(s) follows the exact same protocol as transmission of
an ordinary byte from the FIFO. This means that even if the word length is set to be 5,
6, or 7 characters, then the 5, 6, or 7 least significant bits of Xoff1,2/Xon1,2 will be
transmitted. (Note that the transmission of 5, 6, or 7 bits of a character is seldom
done, but this functionality is included to maintain compatibility with earlier designs.)
It is assumed that software flow control and hardware flow control will never be
enabled simultaneously. Figure 6 shows an example of software flow control.
6.3.3
Software flow control example
Assumptions: UART1 is transmitting a large text file to UART2. Both UARTs are
using software flow control with single character Xoff (0F) and Xon (0D) tokens. Both
have Xoff threshold (TCR[3:0] = F) set to 60, and Xon threshold (TCR[7:4] = 8) set to
32. Both have the interrupt receive threshold (TLR[7:4] = D) set to 52.
UART 1 begins transmission and sends 52 characters, at which point UART2 will
generate an interrupt to its processor to service the RCV FIFO, but assume the
interrupt latency is fairly long. UART1 will continue sending characters until a total of
Fig 6.
Software flow control example.
TRANSMIT FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon-1 WORD
Xon-2 WORD
Xoff-1 WORD
Xoff-2 WORD
RECEIVE FIFO
PARALLEL-TO-SERIAL
SERIAL-TO-PARALLEL
Xon-1 WORD
Xon-2 WORD
Xoff-1 WORD
Xoff-2 WORD
UART2
UART1
002aaa229
DATA
Xoff–Xon–Xoff
COMPARE
PROGRAMMED
Xon-Xoff
CHARACTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com