Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 87 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 87 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 83Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 84Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 85Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 86Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 87Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 88Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 89Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 90Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 91Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 107 page
background image
Chapter 4: AMI BIOS
4-13
onboard fans to run at 30% of the Initial PWM Cycle for best power efficiency and
maximum quietness. The options are Full Speed (@100% of PWM Cycle),
Standard
(@50% of PWM Cycle), and Optimal (@30% of PWM Cycle).
CPU Temperature Display Mode
This feature displays the CPU temperature detected by DTS (i.e., +34oC) or tem-
perature status in text ("Low", "Medium" or "High"). The options are
Text Mode
or DTS.
If Text Mode is selected, the CPU Temperature Display Mode will show the CPU
temperature status as follows:
Low – This level is considered as the ‘normal’ operating state. The CPU
temperature is well below the CPU ‘Temperature Tolerance’. The mother-
board fans and CPU will run normally as configured in the BIOS (Fan Speed
Control).
User intervention: No action required.
Medium – The processor is running warmer. This is a ‘precautionary’ level
and generally means that there may be factors contributing to this condition,
but the CPU is still within its normal operating state and below the CPU
‘Temperature Tolerance’. The motherboard fans and CPU will run normally
as configured in the BIOS. The fans may adjust to a faster speed depending
on the Fan Speed Control settings.
User intervention: No action is required. However, consider checking the CPU
fans and the chassis ventilation for blockage.
High – The processor is running hot. This is a ‘caution’ level since the CPU’s
‘Temperature Tolerance’ has been reached (or has been exceeded) and may
activate an overheat alarm:
The information provided above is for your reference only. For more information
on thermal management, please refer to Intel’s Web site at www.Intel.com.
Fan1 ~ Fan4, FanA Reading
This feature displays the fan speed readings from fan interfaces Fan1 through
Fan4 and FanA.
12V, VDIMM, 5VCC, -12V, AVCC, 3.3VCC, VSB, VBAT
This feature displays the current voltages of the above voltage monitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com