Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 30Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 31Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 32Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 33Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 34Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 35Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 36Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 37Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 107 page
background image
2-8
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User's Manual
For the 1U passive heat sink, ask for SNK-P0046P (back plate is included),
for the 2U active heat sink, SNK-P0046A4.
Align the four heatsink fasten-
7.
ers with the mounting holes
on the motherboard. Gently
push the pairs of diagonal
fasteners (#1 & #2, and #3 &
#4) into the mounting holes
until you hear a click. Also,
make sure to orient each
fastener so that the narrow
end of the groove is pointing
outward.
Repeat Step 7 to insert all
8.
four heatsink fasteners into
the mounting holes.
Once all four fasteners are
9.
securely inserted into the
mounting holes, and the heat-
sink is properly installed on
the motherboard, connect the
heatsink fan wires to the CPU
Fan connector.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com