Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 31Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 32Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 33Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 34Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 35Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 36Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 37Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 38Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 107 page
background image
Chapter 2: Installation
2-9
Unplug the
PWR cord
Pull Up
For the 1U passive heat sink, ask for SNK-P0046P (back plate is included),
for the 2U active heat sink, SNK-P0046A4.
Removing the Heatsink
Warning: We do not recommend
that the CPU or the heatsink be
removed. However, if you do
need to remove the heatsink,
please follow the instructions be-
low to remove the heatsink and to
prevent damage done to the CPU
or other components.
Active Heatsink Removal
Unplug the power cord from the
1.
power supply.
Disconnect the heatsink fan wires
2.
from the CPU fan header.
Use your finger tips to gently press
3.
on the fastener cap and turn it
counterclockwise to make a 1/4 (900)
turn, and pull the fastener upward to
loosen it.
Repeat Step 3 to loosen all fasteners
4.
from the mounting holes.
With all fasteners loosened, remove
5.
the heatsink from the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com