Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 15Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 16Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 17Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 18Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 19Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 20Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 21Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 22Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 107 page
background image
Chapter 1: Introduction
1-7
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F Headers/Connectors
Connector
Description
B1
Onboard Battery
COM1, COM2
COM1 Backpanel Serial Port, COM2 Serial Port Header
BIOS
SPI BIOS
Fans 1~4, Fan A
System/CPU Fan Headers
JF1
Front Panel Control Header
JL1
Chassis Intrusion Header
JLED1
Power LED Indicator Header
JPW1
24-pin ATX Main Power Connector (Required)
JPW2
+12V 8-pin CPU power Connector (Required)
KB, Mouse
Keyboard/Mouse Connectors
LAN1/LAN2/LAN3/LAN4 Gigabit (RJ45) Ports (LAN3/LAN4 is supported on the X9SCi-LN4 only)
IPMI LAN
IPMI LAN (X9SCA-F/X8SCi-LN4F models only)
SATA 0/1
Serial ATA 3.0 Ports 0/1 (6Mb/s)
SATA 2~5
Serial ATA 2.0 Ports 2~5 (3Mb/s)
JPI2C
PWR supply (I2C) System Management Bus
JSPK
Speaker Header (Pins 3/4: Internal, 1~4:External)
JTPM
Trusted Platform Module (TPM) Header
JWF1
SATA DOM (Disk On Module) Power Connector
JWOL
Wake On LAN Header
SPKR1
Internal Speaker/Buzzer
T-SGPIO-1/2
Serial Link General Purpose I/O 1/2 Headers (5V Gen1/Gen 2)
USB0/1
Backpanel USB 0/1
USB2/3, USB4/5,
USB 12/13
Front Accessible USB Connections (via 3 Headers)
VGA
Onboard Video Port
NIC LED3, NIC LED4
LED Headers for LAN3 and LAN4 (X9SCi-LN4 Only)
DIMM 1A, 2A, 1B, 2B
1066/1333 DDR3 DIMM Slots (ECC, Unbuffered type is required)
SW1
Unit ID Switch to turn on UID LED (LE5)
Slot 1~3
33MHz PCI Slots (Slot 2/3 are not available on the X9SCi series)
Slot 4~5
PCI-Express Slots x4 in x8 (Not available on the X9SCi series)
Slot 6
PCI-Express Slot x16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com