Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 63 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 63 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 59Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 60Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 61Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 62Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 63Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 64Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 65Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 66Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 67Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 107 page
background image
Chapter 2: Installation
2-37
A. LE2
B. LE3
C. LE4
Onboard Standby PWR LED (LE4)
LED Status
Status
Definition
Off
Power Supply is Off (Hard
Switch)
On
Power Supply is On (Hard
Switch).
Onboard Power LED (LE2)
An Onboard Power LED is located at LE2
on the motherboard. When LE2 is on, the
AC power cable is connected and the
system is running.
C
A
B
Unsupported Memory LED (LE3)
LE3 is located next to LE2. When LE3
blinks, it is an indication/warning that
unsupported memory is installed in one
(or more) of the memory slots.
Unsupported Memory LED Indicator
(LE3) LED Settings
Yellow: Blinking
Unsupported Memory
is Installed
Onboard Standby Power LED (LE4)
An onboard Standby Power LED is located
at LE4. When LE4 is on, the AC power
cable is connected and the power supply
hard switch is on. Make sure to disconnect
the power cable before removing or install-
ing any component. See the layout below
for the LED location.
Onboard PWR LED (LE2)
LED Status
Status
Definition
Off
System Off (Soft Switch)
On
System is Running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com