Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  X9SCA Datasheet HTML 1Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 2Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 3Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 4Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 5Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 6Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 7Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 8Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 107 page
background image
iii
Preface
Preface
This manual is written for system integrators, PC technicians and
knowledgeable PC users. It provides information for the installation and use of the
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F motherboard.
About This Motherboard
The
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F supports a single Intel®
Xeon E3-1200 series, 2nd generation Intel Core® i3, Pentium®, Celeron® proces-
sor in an LGA 1155 socket. With the Intel® C204 chipset built in, the X9SCi-LN4/
X9SCA series motherboard offers substantial enhancement in system performance
and storage capability for next generation high end server platforms* in a sleek
package. Please refer to our website (http://www.supermicro.com/products/) for
processor and memory support updates. This product is intended to be installed
and serviced by professional technicians.
*The X9SCi-LN4 series motherboard supports 1U server platforms, and the X9SCA
supports 3U/4U platforms.
Manual Organization
Chapter 1 describes the features, specifications and performance of the mother-
board, and provides detailed information on the Intel C204 chipset.
Chapter 2 provides hardware installation instructions. Read this chapter when in-
stalling the processor, memory modules and other hardware components into the
system. If you encounter any problems, see
Chapter 3, which describes trouble-
shooting procedures for video, memory and system setup stored in the CMOS.
Chapter 4 includes an introduction to the BIOS, and provides detailed information
on running the CMOS Setup utility.
Appendix A provides BIOS Error Beep Codes.
Appendix B lists software program installation instructions.
Appendix C contains the UEFI BIOS Recovery instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com