Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 21Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 22Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 23Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 24Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 25Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 26Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 27Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 28Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 107 page
background image
Chapter 1: Introduction
1-13
the Windows OS environment or used with Supero Doctor II in Linux. Supero
Doctor is used to notify the user of certain system events. For example, you can
also configure Supero Doctor to provide you with warnings when the system
temperature, CPU temperatures, voltages and fan speeds go beyond predefined
thresholds.
1-5 ACPI Features
ACPI stands for Advanced Configuration and Power Interface. The ACPI specifica-
tion defines a flexible and abstract hardware interface that provides a standard
way to integrate power management features throughout a PC system, including
its hardware, operating system and application software. This enables the system
to automatically turn on and off peripherals such as CD-ROMs, network cards, hard
disk drives and printers.
In addition to enabling operating system-directed power management, ACPI also
provides a generic system event mechanism for Plug and Play, and an operating
system-independent interface for configuration control. ACPI leverages the Plug and
Play BIOS data structures, while providing a processor architecture-independent
implementation that is compatible with Windows XP, Windows Vista and Windows
2008 Operating Systems.
Slow Blinking LED for Suspend-State Indicator
When the CPU goes into a suspend state, the chassis power LED will start to blink
to indicate that the CPU is in suspend mode. When the user presses any key, the
CPU will "wake up", and the LED will automatically stop blinking and remain on.
1-6 Power Supply
As with all computer products, a stable power source is necessary for proper and
reliable operation. It is even more important for processors that have high CPU
clock rates.
This motherboard accommodates 24-pin ATX power supplies. Although most
power supplies generally meet the specifications required by the CPU, some are
inadequate. In addition, the 12V 8-pin power connector located at JPW2 is also
required to ensure adequate power supply to the system. Also your power supply
must supply 1.5A for the Ethernet ports.
Warning! 1. To prevent damage to the power supply or motherboard,
please use a power supply that contains a 24-pin and a 8-pin power con-
nectors. Be sure to connect these connectors to the 24-pin (JPW1) and the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com