Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 63Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 64Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 65Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 66Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 67Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 68Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 69Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 70Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 107 page
background image
3-1
Chapter 3: Troubleshooting
Chapter 3
Troubleshooting
3-1 Troubleshooting Procedures
Use the following procedures to troubleshoot your system. If you have followed all
of the procedures below and still need assistance, refer to the ‘Technical Support
Procedures’ and/or ‘Returning Merchandise for Service’ section(s) in this chapter.
Always disconnect the AC power cord before adding, changing or installing any
hardware components.
Before Power On
Make sure that the Standby PWR LED (LE2) is not on. (
1.
Note: If LE2 is on,
the onboard power is on. Be sure to unplug the power cable before installing
or removing the components.)
Make sure that there are no short circuits between the motherboard and
2.
chassis.
Disconnect all ribbon/wire cables from the motherboard, including those for
3.
the keyboard and mouse. Also, be sure to remove all add-on cards.
Install a CPU and heatsink (-be sure that it is fully seated) and then connect
4.
the chassis speaker and the power LED to the motherboard. Check all jumper
settings as well.
No Power
Make sure that there are no short circuits between the motherboard and
1.
chassis.
Make sure that all jumpers are set to their default positions.
2.
Check if the 115V/230V switch on the power supply is properly set.
3.
Turn the power switch on and off to test the system.
4.
The battery on your motherboard may be old. Check to make sure that it still
5.
supplies ~3VDC. If it does not, replace it with a new one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com