Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 76 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 76 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 72Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 73Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 74Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 75Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 76Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 77Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 78Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 79Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 80Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 107 page
background image
4-2
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User Manual
How to Start the Setup Utility
Normally, the only visible Power-On Self-Test (POST) routine is the memory test.
As the memory is being tested, press the <Delete> key to enter the main menu of
the AMI BIOS Setup Utility. From the main menu, you can access the other setup
screens. An AMI BIOS identification string is displayed at the left bottom corner of
the screen, below the copyright message.
Warning! Do not upgrade the BIOS unless your system has a BIOS-related
issue. Flashing the wrong BIOS can cause irreparable damage to the
system. In no event shall Supermicro be liable for direct, indirect, special,
incidental, or consequential damages arising from a BIOS update. If you
have to update the BIOS, do not shut down or reset the system while the
BIOS is updating. This is to avoid possible boot failure.
4-2 Main Setup
When you first enter the AMI BIOS Setup Utility, you will enter the Main setup screen.
You can always return to the Main setup screen by selecting the Main tab on the
top of the screen. The Main BIOS Setup screen is shown below.
BIOS SETUP UTILTY
Main Advanced
Security
Boot
Exit
 :
Select Screen
 :
Select Item
Enter:
Select
+/- :
Change Opt.
F1 :
General Help
F2 :
Previous Values
F3 :
Optimized Defaults
F4 :
Save & Exit
ESC :
Exit
Version x.xx.xxxx. Copyright (C) 2010 American Megatrends, Inc.
System Overview
System Time
[09:20:40]
System Date
[Tue 06/14/2010]
Supermicro X9XXX-X
Version
1.0
Build Date
11/18/2010
Processor
Intel(R) Core(TM) i5-2500 CPU@ 3.3GHz
Speed
1600MHz
Physical Count
1
Logical Count
4
System Memory
Size
2048MB
Set the time. Use tab
to switch between Time
elements.
Event Logs IPMI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com