Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 71 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 71 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 67Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 68Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 69Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 70Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 71Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 72Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 73Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 74Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 75Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 107 page
background image
3-5
Chapter 3: Troubleshooting
applications you need. Applications on the CD include chipset drivers for Windows,
security programs, and audio drivers.
Question: Why do I get an error message “IASTOR.SYS read error” and "press F6
to install Intel RAID driver" when installing Windows on my motherboard?
Answer: To solve this issue, disable the IPMI jumper. Another solution is to use a
USB floppy drive instead of the onboard floppy drive. For the IPMI jumper location,
please check Chapter 1.
Question: What is the heatsink part number for my X9SCi-LN4/X9SCi-LN4F/
X9SCA/X9SCA-F motherboard?
Answer: For the 1U passive heatsink, ask for SNK-P0046P (back plate is included).
For the 2U active heatsink, use SNK-P0046A4.
Question: Why can't I recover the BIOS even when I’ve followed the instructions
in the user’s manual for the motherboard?
Answer: Please disable the IPMI jumper and try it again. For the jumper location,
please check Chapter 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com