Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 82 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 82 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 78Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 79Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 80Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 81Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 82Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 83Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 84Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 85Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 86Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 107 page
background image
4-8
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User Manual
VT-d
Select Enabled to enable Intel's Virtualization Technology support for
Direct I/O VT-d by reporting the I/O device assignments to VMM through
the DMAR ACPI Tables. This feature offers fully-protected I/O resource-
sharing across the Intel platforms, providing the user with greater reliabil-
ity, security and availability in networking and data-sharing. The settings
are Enabled and
Disabled.
Active State Power Management
Select Enabled to start Active-State Power Management for signal
transactions between L0 and L1 Links on the PCI Express Bus. This
maximizes power-saving and transaction speed. The options are Enabled
and
Disabled.
PCIE Maximum Payload Size
This feature selects the setting for the PCIE maximum payload size. The
options are
Auto, 128 Bytes, 256 Bytes, 512 Bytes, 1024 Bytes, 2048
Bytes, and 4096 Bytes
.
PCI Express Port
This feature enables or disables the PCI Express port. The options are
Disabled, Enabled and
Auto.
PEG Force Gen1
This feature forces Gen1 support on the PCI Express Graphics (PEG)
port. The options are
Disabled, and Enabled.
Detect Non-Compliant Device
This feature enables or disables the detection of a non-compliant device
that is attached to the PCI Express Graphics (PEG) port. The options are
Disabled, and Enabled.
SouthBridgeConfiguration
This item displays the current South Bridge Revision.
USB Functionst
This feature enables configuration of USB parameters. The options are
Enabled, and Disabled. If set to Enabled, the follow options appear:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com