Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 52 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 52 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 48Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 49Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 50Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 51Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 52Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 53Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 54Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 55Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 56Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 107 page
background image
2-26
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User's Manual
Fan Header
PinDefinitions
Pin#
Definition
1
Ground (Black)
2
+12V (Red)
3
Tachometer
4
PWM_Control
Fan Headers (FAN1~4, FANA)
The X9SCi-LN4/X9SCA series has five fan
headers (Fan 1~Fan 4 and Fan A). These fans
are 4-pin fan headers. However, Pins 1-3 of the
fan headers are backward compatible with the
traditional 3-pin fans. A fan speed control setting
in the BIOS Hardware Monitoring section allows
the BIOS to automatically set fan speeds based
on the system temperature. Refer to the table
on the right for pin definitions.
Note: Please use all 3-pin fans or all
4-pin fans on a motherboard. Please
do not use 3-pin fans and 4-pin fans
on the same board.
A
B
A. Fan 1
B. Fan 2
C. Fan 3
D. Fan 4
E. Fan A
F. Chassis Intrusion
C
D
E F
Chassis Intrusion (JL1)
A Chassis Intrusion header is located at JL1 on
the motherboard. Attach the appropriate cable
from the chassis to inform you of a chassis intru-
sion when the chassis is opened.
Chassis Intrusion
PinDefinitions(JL1)
Pin#
Definition
1
Intrusion Input
2
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com