Electronic Components Datasheet Search
  English  ▼

X  

X9SCA Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # X9SCA
Description  Supermicro Mainboard
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

X9SCA Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button X9SCA Datasheet HTML 18Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 19Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 20Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 21Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 22Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 23Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 24Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 25Page - List of Unclassifed Manufacturers X9SCA Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 107 page
background image
1-10
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F User’s Manual
System Block Diagram
Note: This is a general block diagram and may not exactly represent
the features on your motherboard. See the Motherboard Features
pages for the actual specifications of each motherboard.
X9SCi-LN4/X9SCi-LN4F/X9SCA/X9SCA-F Block Diagram
Cougar Point
BLOCK DIAGRAM
DDR3 (CHA)
Sandy Bridge
PCIe2.0_x16
VRM 12
SVID
RoHS 6/6
LPC I/O
NCT6776F
PCIe x16 SLOT
RJ45
RJ45
DDR3 (CHB)
DIMM1
DIMM2(Far)
DIMM1
DIMM2(Far)
4 UDIMM
MISC VRs
1333/1066MHz
1333/1066MHz
5.0Gb
(C204 / C206)
5.0Gbps
PCIe_x4
PCIe x8 SLOT
4 SATA PORTS
SATA-II
300MB/s
8 USB PORTS
USB2.0
480Mbps
FLASH
SPI 32Mb
SPI
PCIe_x1
2.5Gbps
GLAN1
82574L
COM1,2
P/S2
HEALTH
INFO
P11-12
P13-16
LPC
TPM1.2 Header
P9-10
LPC
PCIe_x1
2.5Gbps
GLAN2
82574
RMII
VGA
PORT
RTL8201
PHY
HERMON WPCM450
WINBOND
P28-29
RJ45
PCIe2.0_x4
5.0Gb
PCIe x8 SLOT
600MB/s
SATA-III
2 SATA PORTS
PCH
PCI32
RJ45
PCIe_x1
2.5Gbps
GLAN3
82574L
RJ45
PCIe_x1
2.5Gbps
GLAN4
82574L
PCI32
PCI32
PCI32
PCI 32 SLOT
PCI 32 SLOT
PCI 32 SLOT
(X9SCA/-F only)
(X9SCA/-F only)
(X9SCA/-F only)
(X9SCA/-F only)
(X9SCI-LN4 only)
(X9SCI-LN4 only)
(X9SCA-F only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com