Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 41 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 41 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 37Page - PADAUK Technology. PFS154 Datasheet HTML 38Page - PADAUK Technology. PFS154 Datasheet HTML 39Page - PADAUK Technology. PFS154 Datasheet HTML 40Page - PADAUK Technology. PFS154 Datasheet HTML 41Page - PADAUK Technology. PFS154 Datasheet HTML 42Page - PADAUK Technology. PFS154 Datasheet HTML 43Page - PADAUK Technology. PFS154 Datasheet HTML 44Page - PADAUK Technology. PFS154 Datasheet HTML 45Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 41 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.9. IO Pins
Other than PA5, all the pins can be independently set into two states output or input by configuring the data
registers (pa/pb), control registers (pac/pbc) and pull-high registers (paph/pbph). All these pins have
Schmitt-trigger input buffer and output driver with CMOS level. When it is set to output low, the pull-up resistor
is turned off automatically. If user wants to read the pin state, please notice that it should be set to input mode
before reading the data port; if user reads the data port when it is set to output mode, the reading data comes
from data register, NOT from IO pad. As an example, Table 7 shows the configuration table of bit 0 of port A.
The hardware diagram of IO buffer is also shown as Fig. 7.
Table 7: PA0 Configuration Table
Fig. 7: Hardware diagram of IO buffer
Most IOs can be adjusted their Driving or Sinking current capability to Normal or Low by code option Drive.
Other than PA5, all the IO pins have the same structure; PA5 can be open-drain ONLY when setting to output
mode (without Q1). When PFS154 put in power-down or power-save mode, every pin can be used to wake-up
system by toggling its state. Therefore, those pins needed to wake-up system must be set to input mode and
set the corresponding bits of registers pxdier to high. The same reason, padier.0 should be set to high when
PA0 is used as external interrupt pin.
pa.0
pac.0 paph.0
Description
X
0
0
Input without pull-up resistor
X
0
1
Input with pull-up resistor
0
1
X
Output low without pull-up resistor
1
1
0
Output high without pull-up resistor
1
1
1
Output high with pull-up resistor
D
Q
(weak P-MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
padier .x
Wakeup module
Interrupt module
D
Q
(weak P-MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
Wakeup module
Interrupt module
(PA0 only)
D
Q
(weak P-MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
padier .x
Wakeup module
Interrupt module
D
Q
(weak P-MOS)
PAD
WR pull-high latch
WR data latch
WR control latch
RD pull-high latch
RD control latch
RD Port
D
Q
D
Q
M
U
X
pull-high
latch
Data
latch
Control
latch
Data Bus
Q1
Analog Module
Wakeup module
Interrupt module
(PA0 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com