Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 85 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 85 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 81Page - PADAUK Technology. PFS154 Datasheet HTML 82Page - PADAUK Technology. PFS154 Datasheet HTML 83Page - PADAUK Technology. PFS154 Datasheet HTML 84Page - PADAUK Technology. PFS154 Datasheet HTML 85Page - PADAUK Technology. PFS154 Datasheet HTML 86Page - PADAUK Technology. PFS154 Datasheet HTML 87Page - PADAUK Technology. PFS154 Datasheet HTML 88Page - PADAUK Technology. PFS154 Datasheet HTML 89Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 85 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
8. Code Options
Option
Selection
Description
Security
Enable
MTP content is protected and program cannot be read back
Disable
MTP content is not protected so program can be read back
LVR
4.0V
Select LVR = 4.0V
3.5V
Select LVR = 3.5V
3.0V
Select LVR = 3.0V
2.75V
Select LVR = 2.75V
2.5V
Select LVR = 2.5V
2.2V
Select LVR = 2.2V
2.0V
Select LVR = 2.0V
1.8V
Select LVR = 1.8V
Boot-up_Time
Slow
Slow: 47mS@5V
Fast
Fast: 780uS@5V
Drive
Low
IO Low driving and sinking current
Normal
IO Normal driving and sinking current
LCD2
(please refer to
MISC.4)
Disable
VDD/2 bias voltage generator disabled, PB0 PA[0,3,4] are normal IO
pins
PB0_A034
VDD/2 bias voltage generator enabled, PB0 PA[0,3,4] are VDD/2 if
input mode
Comparator_Edge
All_Edge
The comparator will trigger an interrupt on the rising edge or falling
edge
Rising_Edge
The comparator will trigger an interrupt on the rising edge
Falling_Edge
The comparator will trigger an interrupt on the falling edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com