Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 6 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 6 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 2Page - PADAUK Technology. PFS154 Datasheet HTML 3Page - PADAUK Technology. PFS154 Datasheet HTML 4Page - PADAUK Technology. PFS154 Datasheet HTML 5Page - PADAUK Technology. PFS154 Datasheet HTML 6Page - PADAUK Technology. PFS154 Datasheet HTML 7Page - PADAUK Technology. PFS154 Datasheet HTML 8Page - PADAUK Technology. PFS154 Datasheet HTML 9Page - PADAUK Technology. PFS154 Datasheet HTML 10Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 6 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
Revision History:
Revision
Date
Description
0.01
2017/11/27
1
st version
0.02
2018/01/23
1. Amend the address and phone number of PADAUK Technology Co.,Ltd.
2. Amend Section 1.2: System Features
3. Amend Section 1.3: CPU Features
4. Amend Chapter 3: Pin Definition and Functional Description: PA5
5.Amend Table 4: Recommend values of C1 and C2 for crystal and resonator oscillators
6. Amend Section 5.4.5: System Clock and LVR levels
7. Amend Section 5.7: Interrupt Controller
8. Amend Section 5.8.1 Power-Save mode
9. Amend Section 5.8.2 Power-Down mode
10. Amend Section 5.8.3 Wake-up
11. Amend Section 5.12.2 Using the comparator
12. Amend Section 5.12.3 Using the comparator and band-gap 1.20V
1.03
2018/11/13
1.
Amend Section 1.1: Special Features
2.
Open 32KHz EOSC mode
3.
Amend Section 5.4.4: External Crystal Oscillator
4.
Add Section 5.4.6: System Clock Switching
5.
Amend Section5.6: Watchdog Timer
6.
Amend Section 5.8.1 Power-Save mode
7.
Amend Table 6: Differences in wake-up sources between Power-Save mode and
Power-Down mode
8.
Amend Section 5.14:11-bit PWM generation
9.
Amend Fig. 17: Hardware Diagram of 11-bit PWM Generator 0 (PWMG0)
10. Amend Section 5.14.3: Equations for 11-bit PWM Generator
11. Amend Section 6.17: MISC Register
12. Amend Section 6.29: PWMG0 Scalar Register
13. Amend Section 6.31: PWMG0 Counter Upper Bound Low Register
14. Amend Section 6.35: PWMG1 Scalar Register
15. Amend Section 6.37: PWMG1 Counter Upper Bound Low Register
16. Amend Section 6.41: PWMG2 Scalar Register
17. Amend Section 6.43: PWMG2 Counter Upper Bound Low Register
18. Amend Section 7.8 Summary of Instructions Execution Cycle and delete 9.2.8
19. Move Section 9.2.9 BIT definition to Section 7.10
20. Updated the link in Section 9.1
21. Amend Section 9.2.1: IO pin usage and setting
22. Amend Section 9.2.5: TIMER time out
23. Amend Section 9.2.8: Programming Writing
1.04
2019/06/18
1. Amend the cover
2. Amend Section 5.8.1, 5.8.2, 5.8.3
3. Amend Table 6
4. Amend S1 and S2 of Section 5.13.1, 5.13.2, 5.13.3
5. Amend Section 5.14.3: Equations for 11-bit PWM
6. Add Section 5.14.4: Examples of PWM Waveforms with Complementary Dead Zones
7. Amend Chapter 8: Code Options
8. Amend Section 9.2.8 Program writing
1.05
2020/06/09
1. PRST# changes to PRSTB
2. Updated Section 4.1: Pcycle, IOP, IPD, IOL, tSBP, tWUP, Section 4.13
3. Amend Section 5.4.6, 5.8.1, 5.13.1, 5.14, 6.9 to 6.16, 9.2.8, 9.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com