Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 31 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 31 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 27Page - PADAUK Technology. PFS154 Datasheet HTML 28Page - PADAUK Technology. PFS154 Datasheet HTML 29Page - PADAUK Technology. PFS154 Datasheet HTML 30Page - PADAUK Technology. PFS154 Datasheet HTML 31Page - PADAUK Technology. PFS154 Datasheet HTML 32Page - PADAUK Technology. PFS154 Datasheet HTML 33Page - PADAUK Technology. PFS154 Datasheet HTML 34Page - PADAUK Technology. PFS154 Datasheet HTML 35Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 31 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.4.5
System Clock and LVR levels
The clock source of system clock comes from IHRC, ILRC or EOSC, the hardware diagram of system clock in
the PFS154 is shown as Fig. 3.
Fig. 3: Options of System Clock
User can choose different operating system clock depends on its requirement; the selected operating system
clock should be combined with supply voltage and LVR level to make system stable. The LVR level will be
checked during compilation, and the lowest LVR levels can be chosen for different operating frequencies.
Please refer to Section 4.1.
5.4.6
System Clock Switching
After IHRC calibration, user may want to switch system clock to a new frequency or may switch system clock
at any time to optimize the system performance and power consumption. Basically, the system clock of
PFC154 can be switched among IHRC, ILRC and EOSC by setting the clkmd register at any time; system
clock will be the new one after writing to clkmd register immediately. Please notice that the original clock
module can NOT be turned off at the same time as writing command to clkmd register. The examples are
shown as below and more information about clock switching, please refer to the “Help” -> “Application Note”
-> “IC Introduction” -> “Register Introduction” -> CLKMD”.
Case 1: Switching system clock from ILRC to IHRC/2
…
//
system clock is ILRC
CLKMD.4
=
1;
//
turn on IHRC first to improve anti-interference ability
CLKMD
=
0x34
;
//
switch to IHRC/2
,ILRC CAN NOT be disabled here
CLKMD.2
=
0
;
//
if need, ILRC CAN be disabled at this time
…
Case 2: Switching system clock from ILRC to EOSC
…
//
system clock is ILRC
CLKMD
=
0xA6
;
//
switch to IHRC
,ILRC CAN NOT be disabled here
CLKMD.2
=
0
;
//
ILRC CAN be disabled at this time
…
M
U
X
clkmd
System
clock
CLK
÷2, ÷4, ÷8,
÷16, ÷32, ÷64
÷1, ÷4, ÷16
IHRC
ILRC
÷1, ÷2, ÷4, ÷8
EOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com