Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 42 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 42 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 38Page - PADAUK Technology. PFS154 Datasheet HTML 39Page - PADAUK Technology. PFS154 Datasheet HTML 40Page - PADAUK Technology. PFS154 Datasheet HTML 41Page - PADAUK Technology. PFS154 Datasheet HTML 42Page - PADAUK Technology. PFS154 Datasheet HTML 43Page - PADAUK Technology. PFS154 Datasheet HTML 44Page - PADAUK Technology. PFS154 Datasheet HTML 45Page - PADAUK Technology. PFS154 Datasheet HTML 46Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 42 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.10. Reset and LVR
5.10.1 Reset
There are many causes to reset the PFS154, once reset is asserted, all the registers in PFS154 will be set to
default values, system should be restarted once abnormal cases happen, or by jumping program counter to
address 0x0. The data memory is in uncertain state when reset comes from power-up and LVR; however, the
content will be kept when reset comes from PRST# pin or WDT timeout.
5.10.2 LVR reset
By code option LVR, there are 8 different levels of LVR for reset: 4.0V, 3.5V, 3.0V, 2.75V, 2.5V, 2.2V, 2.0V and
1.8V, usually, user selects LVR reset level to be in conjunction with operating frequency and supply voltage.
5.11. VDD/2 Bias Voltage Generator
This function can be enabled by misc.4 and code option LCD2. To use this function, user must select
PB0_A034 for LCD2 and set misc.4 to 1 in the program. Those pins which are defined to output VDD/2
voltage are PB0, PA0, PA4 and PA3 during input mode, being used as COM function for LCD application. If
user wants to output VDD, VDD/2, GND three levels voltage, the corresponding pins must be set to output-high
for VDD, enabling VDD/2 bias voltage with input mode for VDD/2, and output-low for GND correspondingly,
Fig.8 shows how to use this function.
Pin set to output high
Pin set to input
Pin set to output low
VDD
VDD/2
GND
Fig. 8: Using VDD/2 bias voltage generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com