Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 56 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 56 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 52Page - PADAUK Technology. PFS154 Datasheet HTML 53Page - PADAUK Technology. PFS154 Datasheet HTML 54Page - PADAUK Technology. PFS154 Datasheet HTML 55Page - PADAUK Technology. PFS154 Datasheet HTML 56Page - PADAUK Technology. PFS154 Datasheet HTML 57Page - PADAUK Technology. PFS154 Datasheet HTML 58Page - PADAUK Technology. PFS154 Datasheet HTML 59Page - PADAUK Technology. PFS154 Datasheet HTML 60Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 56 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
PWMG1DTL
=
0x00;
PWMG1DTH
=
_duty - dead_zone_F;
// Use duty cycle to adjust the dead-time after the falling edge of PWM1
PWMG1CUBL
=
0x00;
PWMG1CUBH
=
100;
//
The above values are assigned before enable PWM output
//******************** PWM out control *********************
$ PWMG0C Enable,Inverse,PA0,SYSCLK;
//
PWMG0 output the PWM0 waveform to PA0
$ PWMG0S INTR_AT_DUTY,/1,/1;
.delay dead_zone_R;
//
Use delay to adjust the dead-time before the rising edge of PWM1
$ PWMG1C Enable, PA4, SYSCLK;
//
PWMG1 output the PWM1 waveform to PA4
$ PWMG1S INTR_AT_DUTY, /1, /1;
//***** Note: for the output control part of the program, the code sequence can not be moved ******//
While(1)
{ nop;
}
}
The PWM0 / PWM1 waveform obtained by the above program is shown in Fig. 19.
Fig. 19: Two complementary PWM waveforms with dead zones
Users can modify the dead_zone_R and dead_zone_F values in the program to adjust the dead-time. Table
8 provides data corresponding to different dead-time for users' reference. Where, if dead-time = 4us, then
there are dead zones of 4us before and after PWM1 high level.
PWM0
PWM1
Dead-Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com