Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 38 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 38 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 34Page - PADAUK Technology. PFS154 Datasheet HTML 35Page - PADAUK Technology. PFS154 Datasheet HTML 36Page - PADAUK Technology. PFS154 Datasheet HTML 37Page - PADAUK Technology. PFS154 Datasheet HTML 38Page - PADAUK Technology. PFS154 Datasheet HTML 39Page - PADAUK Technology. PFS154 Datasheet HTML 40Page - PADAUK Technology. PFS154 Datasheet HTML 41Page - PADAUK Technology. PFS154 Datasheet HTML 42Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 38 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
5.8. Power-Save and Power-Down
There are three operational modes defined by hardware: ON mode, Power-Save mode and Power-Down
modes. ON mode is the state of normal operation with all functions ON, Power-Save mode (“stopexe”) is the
state to reduce operating current and CPU keeps ready to continue, Power-Down mode (“stopsys”) is used to
save power deeply. Therefore, Power-Save mode is used in the system which needs low operating power with
wake-up occasionally and Power-Down mode is used in the system which needs power down deeply with
seldom wake-up. Table 5 shows the differences in oscillator modules between Power-Save mode (“stopexe”)
and Power-Down mode (“stopsys”).
Differences in oscillator modules between STOPSYS and STOPEXE
IHRC
ILRC
STOPSYS
Stop
Stop
STOPEXE
No Change
No Change
Table 5: Differences in oscillator modules between STOPSYS and STOPEXE
5.8.1 Power-Save mode (“stopexe”)
Using “stopexe” instruction to enter the Power-Save mode, only system clock is disabled, remaining all the
oscillator modules be active. For CPU, it stops executing; however, for Timer16, counter keep counting if its
clock source is not the system clock. The wake-up sources for “stopexe” can be IO-toggle or Timer16 counts to
set values when the clock source of Timer16 is IHRC or ILRC modules,or wakeup by comparator when setting
GPCC.7=1 and GPCS.6=1 to enable the comparator wakeup function at the same time. Wake-up from input
pins can be considered as a continuation of normal execution, the detail information for Power-Save mode
shown below:
(1) IHRC oscillator modules: No change, keep active if it was enabled
(2) ILRC oscillator modules: must remain enabled, need to start with ILRC when be wakening up
(3) System clock: Disable, therefore, CPU stops execution
(4) MTP memory is turned off
(5) Timer counter: Stop counting if its clock source is system clock or the corresponding oscillator module is
disabled; otherwise, it keeps counting. (The Timer contains TM16, TM2, TM3, PWMG0, PWMG1,
PWMG2.)
(6) Wake-up sources:
a. IO toggle wake-up: IO toggling in digital input mode (PxC bit is 1 and PxDIER bit is 1)
b. Timer wake-up: If the clock source of Timer is not the SYSCLK, the system will be awakened when
the Timer counter reaches the set value.
c. Comparator wake-up: It need setting GPCC.7=1 and GPCS.6=1 to enable the comparator wake-up
function at the same time.
An example shows how to use Timer16 to wake-up from “stopexe”:
$ T16M
ILRC, /1, BIT8
// Timer16 setting
…
WORD
count
=
0;
STT16
count;
stopexe;
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com