Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 89 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 89 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 83Page - PADAUK Technology. PFS154 Datasheet HTML 84Page - PADAUK Technology. PFS154 Datasheet HTML 85Page - PADAUK Technology. PFS154 Datasheet HTML 86Page - PADAUK Technology. PFS154 Datasheet HTML 87Page - PADAUK Technology. PFS154 Datasheet HTML 88Page - PADAUK Technology. PFS154 Datasheet HTML 89Page - PADAUK Technology. PFS154 Datasheet HTML 90Page - PADAUK Technology. PFS154 Datasheet HTML 91Page - PADAUK Technology.  
Zoom Inzoom in Zoom Outzoom out
 89 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 89 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
9.2.8
Program writing
Please use PDK5S-P-003 to program. PDK3S-P-002 or older versions do not support programming PFS154.
Jumper connection: Please follow the instruction inside the writer software to connect the jumper.
Please select the following program mode according to the actual situation.
Normal Programming Mode
Range of application:
Single-Chip-Package IC with programming at the writer IC socket or on the handler.
Multi-Chip-Package(MCP) with PFS154. Be sure its connected IC and devices will not be damaged by
the following voltages, and will not clam the following voltages.
The voltage conditions in normal programming mode:
(1)
VDD is 7.5V, and the maximum supply current is up to about 20mA.
(2)
PA5 is 8.0V.
(3)
The voltages of other program pins (except GND) are the same as VDD.
Important Cautions:
 You MUST follow the instructions on APN004 and APN011 for programming IC on the handler.
 Connecting a 0.01uF capacitor between VDD and GND at the handler port to the IC is always good
for suppressing disturbance. But please DO NOT connect with
>0.01uF capacitor, otherwise,
programming mode may be fail.
Limited-Voltage Programming Mode
Range of application:
On-Board writing. Its peripheral circuits and devices will not be damaged by the following voltages, and
will not clam the following voltages. Please refer to On-Board Writing for more details.
Multi-Chip-Package(MCP) with PFS154. Please be sure that its connected IC and devices will not be
damaged by the following voltages, and will not clam the following voltages.
The voltage conditions in Limited-Voltage programming mode:
(1)
VDD is 5.0V, and the maximum supply current is up to about 20mA.
(2)
PA5 is 8.0V.
(3)
The voltage of other program pins (except GND) is the same as VDD.
Please select "MTP On-Board VDD Limitation" or "On-Board Program" on the writer screen to enable the
limited-voltage programming mode. (Please refer to the file of Writer “PDK5S-P-003 UM”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com