Electronic Components Datasheet Search
  English  ▼

X  

PFS154 Datasheet(PDF) 86 Page - PADAUK Technology.

Part # PFS154
Description  8bit MTP Type IO controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PADAUK [PADAUK Technology.]
Direct Link  http://www.padauk.com.tw/
Logo PADAUK - PADAUK Technology.

PFS154 Datasheet(HTML) 86 Page - PADAUK Technology.

Back Button PFS154 Datasheet HTML 82Page - PADAUK Technology. PFS154 Datasheet HTML 83Page - PADAUK Technology. PFS154 Datasheet HTML 84Page - PADAUK Technology. PFS154 Datasheet HTML 85Page - PADAUK Technology. PFS154 Datasheet HTML 86Page - PADAUK Technology. PFS154 Datasheet HTML 87Page - PADAUK Technology. PFS154 Datasheet HTML 88Page - PADAUK Technology. PFS154 Datasheet HTML 89Page - PADAUK Technology. PFS154 Datasheet HTML 90Page - PADAUK Technology. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
PFS154
8bit MTP Type IO Controller
©Copyright 2020, PADAUK Technology Co. Ltd
Page 86 of 91
PDK-DS-PFS154_CN_V105 –Jun. 9, 2020
9. Special Notes
This chapter is to remind user who use PFS154 series IC in order to avoid frequent errors upon operation.
9.1. Warning
User must read all application notes of the IC by detail before using it. Please download the related application
notes from the following link:
http://www.padauk.com.tw/tw/technical/index.aspx
9.2. Using IC
9.2.1
IO pin usage and setting
(1)
IO pin is set to be digital input
When IO is set as digital input, the level of Vih and Vil would changes with the voltage and
temperature. Please follow the minimum value of Vih and the maximum value of Vil.
The value of internal pull high resistor would also changes with the voltage, temperature and pin
voltage. It is not the fixed value.
(2)
If IO pin is set to be digital input and enable wake-up function
Configure IO pin as input
Set corresponding bit to “1” in PXDIER
For those IO pins of PA that are not used, PADIER[1:2] should be set low in order to prevent them
from leakage.
(3) PA5 is set to be output pin
PA5 can be set to be Open-Drain output pin only, output high requires adding pull-up resistor.
(4) PA5 is set to be PRSTB input pin
Configure PA5 as input
Set CLKMD.0=1 to enable PA5 as PRSTB input pin
(5) PA5 is set to be input pin and to connect with a push button or a switch by a long wire
Needs to put a >10
Ω resistor in between PA5 and the long wire
Avoid using PA5 as input in such application.
(6) PA7 and PA6 as external crystal oscillator
Configure PA7 and PA6 as input
Disable PA7 and PA6 internal pull-up resistor
Configure PADIER register to set PA6 and PA7 as analog input
EOSCR register bit [6:5] selects corresponding crystal oscillator frequency :
01 : for lower frequency, ex : 32KHz
10 : for middle frequency, ex : 455KHz, 1MHz
11 : for higher frequency, ex : 4MHz
Program EOSCR.7 =1 to enable crystal oscillator
Ensure EOSC working well before switching from IHRC or ILRC to EOSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com