Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 25Page - Analog Devices ADMV4530 Datasheet HTML 26Page - Analog Devices ADMV4530 Datasheet HTML 27Page - Analog Devices ADMV4530 Datasheet HTML 28Page - Analog Devices ADMV4530 Datasheet HTML 29Page - Analog Devices ADMV4530 Datasheet HTML 30Page - Analog Devices ADMV4530 Datasheet HTML 31Page - Analog Devices ADMV4530 Datasheet HTML 32Page - Analog Devices ADMV4530 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 29 of 59
These calculations result in a low frequency resolution with no
residual frequency error. To apply the previous equation,
perform the following steps:
1. Calculate N by dividing fVCO/fPFD. The integer value of this
number forms INT.
2. Subtract INT from the full N value.
3. Multiply the remainder by 225. The integer value of this
number forms FRAC1.
4. Calculate MOD2 based on the channel spacing (fCHSP) by
using the following equation:
MOD2 = (fPFD/(GCD(fPFD, fCHSP)))
where:
fCHSP is the desired channel spacing frequency.
GCD(fPFD, fCHSP) is the greatest common divisor of the PFD
frequency and the channel spacing frequency.
5. Calculate FRAC2 by using the following equation:
FRAC2 = ((N − INT) × 225 – FRAC1) × MOD2
The FRAC2 and MOD2 fraction result in outputs with
zero frequency error for channel spacing when the
following is true:
(fPFD/(GCD(fPFD, fCHSP)) = MOD2 < 16,383
If zero frequency error is not required, the MOD1 and
MOD2 denominators operate together to create a 39-bit
resolution modulus.
INT N MODE
When FRAC1 and FRAC2 are equal to 0, the synthesizer operates
in Integer N mode. It is recommended to set the SD_PD bit
(Register 0x02B, Bit 0) to 1 to disable the Σ-Δ modulators
(SDMs), which improves the in band phase noise and reduces
any additional Σ-Δ noise.
PHASE FREQUENCY DETECTOR AND CHARGE PUMP
The phase frequency detector takes inputs from the R counter
and N counter to produce an output that is proportional to the
phase and frequency differences between these counters. This
proportional information is then output to a charge pump
circuit that generates current to drive an external loop filter that
is then used to appropriately increase or decrease the VTUNE
tuning voltage.
Figure 92 shows a simplified schematic of the phase frequency
detector and charge pump. Note that the phase frequency
detector includes a fixed delay element that is used to ensure
that there is no dead zone in the phase frequency detector
transfer function for consistent reference spur levels.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CPOUT
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 92. Phase Frequency Detector and Charge Pump Simplified Schematic
LOOP FILTER
Defining a loop filter for a PLL is dependent on several
dynamics, such as the fPFD, the N counter value, the KVCO, and
the selected charge pump current (ICP). A higher fPFD has the
advantage of lowering in band phase noise performance at the
expense of integer boundary spur levels when operating in
fractional-N mode. Consequently, a lower fPFD can allow the
PLL to operate in integer N mode, which can eliminate integer
boundary spurs at the expense of higher in band phase noise
performance. Given the trade-offs, care must be taken with
frequency planning and fPFD selection to ensure the appropriate
in band phase noise performance is met with acceptable spur
levels for the end application.
The loop filter, as implemented using one of the ADMV4530
evaluation boards (see the Ordering Guide section), is a third-
order passive filter, as shown in Figure 93. The filter is designed
with the following simulation input parameters: fPFD = 100 MHz,
KVCO = 155 MHz/V, fVCO = 15 GHz, and ICP = 4.2 mA. The
resulting loop filter bandwidth and phase margin are 540 kHz
and 55°, respectively, for the following component values: C1 =
150 pF, C2 = 15 nF, C3 = 20 pF, C4 = do not install (DNI), R1 =
910 Ω, R2 = 910 Ω, and R3 = 0 Ω. For additional guidance with
loop filter simulations on the ADMV4530, contact Analog
Devices for Technical Support.
CPOUT
VTUNE
C1
C2
R1
R2
C3
C4
R3
Figure 93. Recommended Loop Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com