Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 40 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 36Page - Analog Devices ADMV4530 Datasheet HTML 37Page - Analog Devices ADMV4530 Datasheet HTML 38Page - Analog Devices ADMV4530 Datasheet HTML 39Page - Analog Devices ADMV4530 Datasheet HTML 40Page - Analog Devices ADMV4530 Datasheet HTML 41Page - Analog Devices ADMV4530 Datasheet HTML 42Page - Analog Devices ADMV4530 Datasheet HTML 43Page - Analog Devices ADMV4530 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 40 of 59
Address: 0x001, Reset: 0x00, Name: REG0001
Single Ins truction
CS Stall
Mas ter Slave Read Back
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7] SINGLE_INSTRUCTION (R/W)
[4:0] RESERVED
[6] CSB_STALL (R/W)
[5] MASTER_SLAVE_RB (R/W)
Table 10. Bit Descriptions for REG0001
Bits
Bit Name
Description
Reset
Recommended
Access
7
SINGLE_INSTRUCTION
Single Instruction
0x0
0x0
R/W
0: enable streaming
1: disable streaming (regardless of CS)
6
CSB_STALL
CS Stall
0x0
0x0
R/W
5
MASTER_SLAVE_RB
Master Slave Read Back
0x0
0x0
R/W
[4:0]
RESERVED
Reserved
0x0
0x0
R/W
Address: 0x003, Reset: 0x01, Name: REG0003
Chip Type (Read Only)
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:4] RESERVED
[3:0] CHIP_TYPE (R)
Table 11. Bit Descriptions for REG0003
Bits
Bit Name
Description
Reset
Recommended
Access
[7:4]
RESERVED
Reserved
0x0
N/A
R
[3:0]
CHIP_TYPE
Chip Type (Read Only)
0x1
N/A
R
Address: 0x004, Reset: 0x21, Name: REG0004
Product ID
0
1
1
0
2
0
3
0
4
0
5
1
6
0
7
0
[7:0] PRODUCT_ID[7:0] (R)
Table 12. Bit Descriptions for REG0004
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
PRODUCT_ID[7:0]
Product ID
0x21
N/A
R
Address: 0x005, Reset: 0x00, Name: REG0005
Product ID
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PRODUCT_ID[15:8] (R)
Table 13. Bit Descriptions for REG0005
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
PRODUCT_ID[15:8]
Product ID
0x0
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com