Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 18Page - Analog Devices ADMV4530 Datasheet HTML 19Page - Analog Devices ADMV4530 Datasheet HTML 20Page - Analog Devices ADMV4530 Datasheet HTML 21Page - Analog Devices ADMV4530 Datasheet HTML 22Page - Analog Devices ADMV4530 Datasheet HTML 23Page - Analog Devices ADMV4530 Datasheet HTML 24Page - Analog Devices ADMV4530 Datasheet HTML 25Page - Analog Devices ADMV4530 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 22 of 59
VCO AND PLL
VCC_DRV = VCC_AMP = VCC2_DRV = 4 V, VCC_IF = VCC2_IF = VCC_VVA = VCC_MIXER = VCC_DOUBLER = VCC_VCO =
VCC_DIV = VCC_LDO = VCC_CP = 3.3 V, VCC_1P8V = 1.8 V, REF_IN power = 8 dBm, REF_IN frequency = 200 MHz TA = +25°C,
−40°C, and +85°C, VCTR_RF = 1.8 V, and VCTR_IF = 0 V, unless otherwise noted.
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
0
5
10
15
20
25
30
SI_BAND_SEL
TA = +85°C
TA = +25°C
TA = –40°C
Figure 71. VCO Frequency vs. SI_BAND_SEL, Open Loop, over Temperature,
VTUNE = 1.4 V
0
5
10
15
20
25
30
SI_BAND_SEL
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
TA = +85°C
TA = +25°C
TA = –40°C
Figure 72. VCO Sensitivity vs. SI_BAND_SEL, Open Loop, over Temperatures,
VTUNE = 1.4 V
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
0
2
4
6
8
10
12
14
16
18
20
SI_BAND_SEL
TA = +85°C
TA = +25°C
TA = –40°C
OFFSET = 1MHz
OFFSET = 100kHz
OFFSET = 10kHz
Figure 73. VCO Phase Noise vs. SI_BAND_SEL, over Temperature,
Open Loop, VTUNE = 1.4 V
12.0
12.5
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
17.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
VTUNE (V)
TA = +85°C
TA = +25°C
TA = –40°C
SI_BAND_SEL = 5
SI_BAND_SEL = 25
Figure 74. VCO Frequency vs. VTUNE, Open Loop over Temperature,
SI_BAND_SEL = 5 and 25
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
VTUNE (V)
TA = +85°C
TA = +25°C
TA = –40°C
SI_BAND_SEL = 5
SI_BAND_SEL = 25
100
120
110
130
140
150
160
170
180
190
200
210
220
230
240
250
Figure 75. VCO Sensitivity vs. VTUNE, Open Loop over Temperature,
SI_BAND_SEL = 5 and 25
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY(Hz)
TA = +85°C
TA = +25°C
TA = –40°C
SI_BAND_SEL = 5
SI_BAND_SEL = 20
Figure 76. VCO Phase Noise vs. Offset Frequency over Temperature, Open
Loop, VTUNE = 1.4 V, SI_BAND_SEL = 5 and 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com