Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 48 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 44Page - Analog Devices ADMV4530 Datasheet HTML 45Page - Analog Devices ADMV4530 Datasheet HTML 46Page - Analog Devices ADMV4530 Datasheet HTML 47Page - Analog Devices ADMV4530 Datasheet HTML 48Page - Analog Devices ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices ADMV4530 Datasheet HTML 51Page - Analog Devices ADMV4530 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
ADMV4530
Data Sheet
Rev. A | Page 48 of 59
Address: 0x02B, Reset: 0x00, Name: REG002B
Sigm a Delta Power Down
Add Half Bit to LSB of FRAC1 (when
VAR_MOD_EN = 0)
Auxiliary SDM Enable
SD Mas k Res et Enable (When Updating
REG0010)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] SD_PD (R/W)
[5] LSB_P1 (R/W)
[1] RESERVED
[4] VAR_MOD_EN (R/W)
[2] SD_MASK_RESET_EN (R/W)
[3] RESERVED
Table 37. Bit Descriptions for REG002B
Bits
Bit Name
Description
Reset
Recommended
Access
[7:6]
RESERVED
Reserved.
0x0
0x0
R/W
5
LSB_P1
Add Half Bit to LSB of FRAC1 (when VAR_MOD_EN = 0).
0x0
0x0
R/W
0: disable.
1: enable.
4
VAR_MOD_EN
Auxiliary SDM Enable.
0x0
FRAC: 0x1,
INT: 0x0
R/W
0: disable (FRAC2 = 0).
1: enable (FRAC2 ≠ 0).
3
RESERVED
Reserved.
0x0
0x0
R/W
2
SD_MASK_RESET_EN
SD Mask Reset Enable (When Updating REG0010).
0x0
0x0
R/W
0: disable.
1: enable.
1
RESERVED
Reserved.
0x0
0x0
R/W
0
SD_PD
Sigma Delta Power Down. Set this bit if FRAC1 = FRAC2 = 0.
0x0
FRAC: 0x0,
INT: 0x1
R/W
0: power up (FRAC mode).
1: power down (INT mode).
Address: 0x02C, Reset: 0x00, Name: REG002C
VCO Autom atic Level Control (ALC)
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] DISABLE_ALC (R/W)
Table 38. Bit Descriptions for REG002C
Bits
Bit Name
Description
Reset
Recommended
Access
[7:1]
RESERVED
Reserved.
0x0
0x0
R/W
0
DISABLE_ALC
VCO Automatic Level Control (ALC). Keep this bit set to 1.
0x0
0x1
R/W
0: enable.
1: disable.
Address: 0x030, Reset: 0x00, Name: REG0030
VCO Band Select Divider
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VCO_BAND_DIV (R/W)
Table 39. Bit Descriptions for REG0030
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
VCO_BAND_DIV
VCO Band Select Divider. fBSC = fPFD/VCO_BAND_DIV ≤ 2.4 MHz.
0x0
User defined
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com