Electronic Components Datasheet Search
  English  ▼

X  

ADMV4530 Datasheet(PDF) 53 Page - Analog Devices

Part # ADMV4530
Description  Dual-Mode, Ka Band Upconverter with Integrated Fractional-N PLL and VCO
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV4530 Datasheet(HTML) 53 Page - Analog Devices

Back Button ADMV4530 Datasheet HTML 49Page - Analog Devices ADMV4530 Datasheet HTML 50Page - Analog Devices ADMV4530 Datasheet HTML 51Page - Analog Devices ADMV4530 Datasheet HTML 52Page - Analog Devices ADMV4530 Datasheet HTML 53Page - Analog Devices ADMV4530 Datasheet HTML 54Page - Analog Devices ADMV4530 Datasheet HTML 55Page - Analog Devices ADMV4530 Datasheet HTML 56Page - Analog Devices ADMV4530 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
Data Sheet
ADMV4530
Rev. A | Page 53 of 59
Address: 0x06F, Reset: 0x00, Name: REG006F
VCO Data Read Back
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] VCO_DATA_READBACK[15:8] (R)
Table 52. Bit Descriptions for REG006F
Bits
Bit Name
Description
Reset
Recommended
Access
[7:0]
VCO_DATA_READBACK[15:8]
VCO Data Read Back
0x0
N/A
R
Address: 0x073, Reset: 0x00, Name: REG0073
Lock Detect Count Select
ADC Clock Dis able
N Divider Power Down
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:3] RESERVED
[0] LD_COUNT_SEL (R/W)
[2] ADC_CLK_DISABLE (R/W)
[1] NDIV_PD (R/W)
Table 53. Bit Descriptions for REG0073
Bits
Bit Name
Description
Reset
Recommended
Access
[7:3]
RESERVED
Reserved.
0x0
0x0
R/W
2
ADC_CLK_DISABLE
ADC Clock Disable. ADC_ENABLE overwrites this bit.
0x0
0x0
R/W
0: enable.
1: disable.
1
NDIV_PD
N Divider Power Down.
0x0
0x0
R/W
0: power up.
1: power down.
0
LD_COUNT_SEL
Lock Detect Count Select. Declares lock in 32, 64, 128, or 256 phase
frequency detector cycles vs. the default 1024, 2048, 4096, or 8192
phase frequency detector cycles.
0x0
0x0
R/W
0: nominal (LD_COUNT).
1: divided (LD_COUNT/32).
Address: 0x07C, Reset: 0x00, Name: REG007C
Lock Detect Readback
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:1] RESERVED
[0] LD_READBACK (R)
Table 54. Bit Descriptions for REG007C
Bits
Bit Name
Description
Reset
Recommended
Access
[7:1]
RESERVED
Reserved.
0x0
N/A
R
0
LD_READBACK
Lock Detect Readback
0x0
N/A
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com